Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HMC-T1000A Arkusz danych (PDF) - Hittite Microwave Corporation

HMC-T1000A Datasheet PDF - Hittite Microwave Corporation
Numer części HMC-T1000A_10
Pobierz  HMC-T1000A Pobierz
Rozmiar pliku   402.9 Kbytes
Page   4 Pages
Producent  HITTITE [Hittite Microwave Corporation]
Strona internetowa  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Szczegółowy opis DUAL SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 8 GHz

HMC-T1000A Datasheet (PDF)

Go To PDF Page Pobierz Arkusz danych
HMC-T1000A Datasheet PDF - Hittite Microwave Corporation

Numer części HMC-T1000A_10
Pobierz  HMC-T1000A Click to download

Rozmiar pliku   402.9 Kbytes
Page   4 Pages
Producent  HITTITE [Hittite Microwave Corporation]
Strona internetowa  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Szczegółowy opis DUAL SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 8 GHz

HMC-T1000A Arkusz danych (HTML) - Hittite Microwave Corporation




Podobny numer części - HMC-T1000A_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hittite Microwave Corpo...
HMC-T2100 HITTITE-HMC-T2100 Datasheet
847Kb / 6P
SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 20 GHz
HMC-T2100B HITTITE-HMC-T2100B_11 Datasheet
1Mb / 8P
Portable Synthesized Signal Generator, 10 MHz to 20 GHz
HMC-T2220 HITTITE-HMC-T2220 Datasheet
3Mb / 6P
SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 20 GHz
HMC-T2240 HITTITE-HMC-T2240 Datasheet
1,020Kb / 6P
SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 40 GHz
More results


Podobny opis - HMC-T1000A_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NBC12430 ONSEMI-NBC12430 Datasheet
146Kb / 18P
3.3V/5VProgrammable PLL Synthesized Clock Generator
December, 2004 ??Rev. 5
logo
Silicon Laboratories
SI532 SILABS-SI532 Datasheet
173Kb / 10P
DUAL FREQUENCY XO (10 MHZ TO 1.4 GHZ)
SI552 SILABS-SI552 Datasheet
186Kb / 8P
DUAL FREQUENCY VCXO (10 MHZ TO 1.4 GHZ)
logo
Hittite Microwave Corpo...
HMC-T2100 HITTITE-HMC-T2100 Datasheet
847Kb / 6P
SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 20 GHz
HMC-T2220 HITTITE-HMC-T2220 Datasheet
3Mb / 6P
SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 20 GHz
HMC-T2240 HITTITE-HMC-T2240 Datasheet
1,020Kb / 6P
SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 40 GHz
HMC-T2100B HITTITE-HMC-T2100B_11 Datasheet
1Mb / 8P
Portable Synthesized Signal Generator, 10 MHz to 20 GHz
logo
Mini-Circuits
SSG-6001RC MINI-SSG-6001RC Datasheet
609Kb / 10P
Synthesized Signal Generator
SSG-15G-RC MINI-SSG-15G-RC Datasheet
731Kb / 9P
Synthesized Signal Generator
logo
Analog Devices
AD9166 AD-AD9166 Datasheet
2Mb / 138P
DC to 9 GHz Vector Signal Generator
7/2020-Revision 0
More results




O Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*Niniejsze informacje służą wyłącznie celom informacyjnym, nie ponosimy odpowiedzialności za jakiekolwiek straty lub szkody spowodowane przez powyższe informacje.




Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com