Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HMC-T1000A Arkusz danych(PDF) 4 Page - Hittite Microwave Corporation

Numer części HMC-T1000A
Szczegółowy opis  DUAL SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 8 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HITTITE [Hittite Microwave Corporation]
Strona internetowa  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC-T1000A Arkusz danych(HTML) 4 Page - Hittite Microwave Corporation

  HMC-T1000A_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC-T1000A_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC-T1000A_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC-T1000A_10 Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
9 - 4
20 Alpha Road Chelmsford, MA 01824
Phone: 978-250-3343 Fax: 978-250-3373
Order Online at www.hittite.com
9
DIS
CO
NTIN
UE
D
PR
OD
UC
T
No
t Reco
mm
ended
for
Ne
w D
esi
gns
HMC-T1000A
DUAL SYNTHESIZED SIGNAL GENERATOR, 10 MHz to 8 GHz
v01.0108
Flexible Architecture to Meet
Your Current and Future Needs
With an output power range of -80 dBm to +15 dBm,
and an output power resolution of 0.01 dB, the HMC-
T1000A can satisfy the dynamic range requirements
of most test and communication environments without
the need for external amplifiers and attenuators.
The 10 MHz to 8 GHz bandwidth combined with the
0.001 Hz output frequency resolution, makes the
HMC-T1000A appropriate for both narrowband and
wideband applications. In addition, since the HMC-
T1000A employs a modular design approach, and a
MMIC based architecture. Hittite is able to provide
customized synthesizer configurations to address
your most challenging requirements.
Capability Enhancements
Available for the HMC-T1000A
18 GHz Operation
The Dual Synthesizer can be configured for wide
band operation of up to 18 GHz, making it ideal for
production test, R&D, communications, sensor and
broadband subsystem applications.
In Phase and Quadrature (I/Q) Modulation
The Dual Synthesizer can be configured with an inte-
grated, high dynamic range I/Q modulator. External
I/Q ports would enable the user to use the Dual Syn-
thesizer to create a wide variety of waveforms.
Software Interface
The HMC-T1000A can be driven from virtually
any software driven controller. A Labview driver is
provided, as well as a comprehensive programming
manual describing all of the available commands and
their functions.
General Specifications
AC Supply: 100 to 240 VAC, 50 to 60 Hz
DC Optional Supply: 48 VDC
Power: 220W (Typ.)
Calibration: 1 Year
Environment (for indoor use only): 0 to 35 °C
Cooling: Forced Air
Input/Output: RF Out: SMA Connector
10MHz Ref : BNC Connector
Trigger Inputs: BNC Connector
Digital Control:
9 Pin RS-232 Serial or
50 Pin BCD Parallel
General Mechanical Characteristics
Standard 19” Rack-Mountable 3U Chassis
Dimensions: 22.75” [577.9 mm] x
16.75” [425.5 mm] x 5.25” [133.4 mm]*
*Includes back panel connector clearance
Weight 38 lbs (17.2 kg)
Warranty: 1 Year
I/O Connections for the HMC-T1000A
Please contact Hittite with your custom HMC-T1000A Synthesizer requirements.
Ordering Information
Part Number
Description
HMC-T1000
Synthesized Signal Generator
10 MHz to 8 GHz
HMC-T1000A
Dual Synthesized Signal Generator
10 MHz to 8 GHz



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com