| Producent | Numer części | Arkusz danych | Szczegółowy opis |
 ON Semiconductor |
NCP5252
|
1Mb / 16P |
2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
January, 2010 ??Rev. 0 |
|
NCP1597A
|
350Kb / 13P |
1 MHz, 2.0 A Synchronous Buck Regulator
June, 2010 ??Rev. 0 |
 Fairchild Semiconductor |
FAN48630
|
1Mb / 15P |
2.5 MHz, 1500 mA, Synchronous TinyBoost??Regulator with Bypass Mode
|
|
FAN48610
|
1Mb / 13P |
2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
|
 ON Semiconductor |
NCP5252
|
1Mb / 16P |
2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
July, 2012 ??Rev. 4 |
|
FAN4860
|
1Mb / 21P |
3 MHz, Synchronous TinyBoost Regulator
February 2014 Rev. 1.1.1 |
|
FAN48610
|
775Kb / 12P |
2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
August 2015 Rev. 1.5 |
|
FAN48632
|
1Mb / 15P |
Pulsed-Load Synchronous TinyBoost Regulator with Bypass Mode for GSM PA Supply
April 2014 Rev. 1.0.3 |
|
FAN4868
|
309Kb / 12P |
3 MHz, Synchronous TinyBoost Regulator
October, 2018 ??Rev. 3 |
|
FAN48695
|
620Kb / 14P |
Synchronous Regulator, TINYBOOST, 2.5 MHz
March, 2020 ??Rev. 1 |