Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FAN48632 Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FAN48632
Szczegółowy opis  2.5 MHz, 2.0 A Pulsed-Load Synchronous TinyBoost
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN48632 Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FAN48632 Datasheet HTML 1Page - Fairchild Semiconductor FAN48632 Datasheet HTML 2Page - Fairchild Semiconductor FAN48632 Datasheet HTML 3Page - Fairchild Semiconductor FAN48632 Datasheet HTML 4Page - Fairchild Semiconductor FAN48632 Datasheet HTML 5Page - Fairchild Semiconductor FAN48632 Datasheet HTML 6Page - Fairchild Semiconductor FAN48632 Datasheet HTML 7Page - Fairchild Semiconductor FAN48632 Datasheet HTML 8Page - Fairchild Semiconductor FAN48632 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
April 2014
© 2013 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN48632 • Rev. 1.0.3
FAN48632
2.5 MHz, 2.0 A Pulsed-
Load Synchronous TinyBoost™
Regulator with Bypass Mode for GSM PA Supply
Features
Few External Components: 0.47 µH Inductor and
0603 Case Size Input and Output Capacitors
Input Voltage Range: 2.35 V to 5.5 V
Fixed Output Voltage : 3.3 V, 3.5 V
Maximum Continuous Load Current of: 1.5 A
at VIN of 2.6 V
Maximum Pulsed Load current :of 2.0 A for GSM 217 Hz
repetition rate ,boosting VOUT to 3.3 V or 3.5 V
Up to 96% Efficient
True Bypass Operation when V
IN > Target VOUT
Internal Synchronous Rectifier
Soft-Start with True Load Disconnect
Forced Bypass Mode
V
SEL Control to Optimize Target VOUT
Short-Circuit Protection
Low Operating Quiescent Current
16-Bump, 0.4 mm Pitch WLCSP
Applications
Boost for Low-Voltage Li-ion Batteries, Brownout
Prevention, Supply GSM RF PA.
Cell Phones, Smart Phones, Tablets
Description
The FAN48632 allows systems to take advantage of new
battery chemistries that can supply significant energy when
the battery voltage is lower than the required voltage for
system power ICs. By combining built-in power transistors,
synchronous rectification, and low supply current; this IC
provides a compact solution for systems using advanced
Li-Ion battery chemistries.
The FAN48632 is a boost regulator designed to provide a
minimum output voltage (VOUT(MIN)) from a single-cell Li-Ion
battery, even when the battery voltage is below system
minimum. In boost mode, output voltage regulation is
guaranteed to a maximum load current of 1.5 A continuous
and 2.0 A pulsed. Quiescent current in Shutdown Mode is less
than 3 µA, which maximizes battery life. The regulator
transitions smoothly between Bypass and normal Boost Mode.
The device can be forced into Bypass Mode to reduce
quiescent current.
The FAN48632 is available in a 16-bump, 0.4 mm pitch,
Wafer-Level Chip-Scale Package (WLCSP).
FAN48632
VOUT
PGND
COUT
PG
0.47
H
40
F
VIN
10
F
SW
VSEL
EN
BYP
CIN
+
Battery
SYSTEM
LOAD
AGND
Figure 1. Typical Application
Ordering Information
Part Number
Output Voltage
VSEL0 / VSEL1
Soft-Start
Forced
Bypass
Operating
Temperature
Package
Packing
FAN48632UC33X
3.30 / 3.49
FAST
Low IQ
-40°C to 85°C
16-Ball, 4x4 Array, 0.4 mm
Pitch, 250 µm Ball, Wafer-Level
Chip-Scale Package (WLCSP)
Tape
and
Reel
FAN48632BUC33X
(1)
3.30 / 3.49
FAST
Low IQ
FAN48632UC35X
3.50 / 3.70
FAST
Low IQ
Note:
1.
The FAN48632BUC33X includes backside lamination.


Podobny numer części - FAN48632

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FAN48632 ONSEMI-FAN48632 Datasheet
1Mb / 15P
Pulsed-Load Synchronous TinyBoost Regulator with Bypass Mode for GSM PA Supply
April 2014 Rev. 1.0.3
FAN48632BUC33X ONSEMI-FAN48632BUC33X Datasheet
1Mb / 15P
Pulsed-Load Synchronous TinyBoost Regulator with Bypass Mode for GSM PA Supply
April 2014 Rev. 1.0.3
FAN48632UC33X ONSEMI-FAN48632UC33X Datasheet
1Mb / 15P
Pulsed-Load Synchronous TinyBoost Regulator with Bypass Mode for GSM PA Supply
April 2014 Rev. 1.0.3
FAN48632UC35X ONSEMI-FAN48632UC35X Datasheet
1Mb / 15P
Pulsed-Load Synchronous TinyBoost Regulator with Bypass Mode for GSM PA Supply
April 2014 Rev. 1.0.3
More results

Podobny opis - FAN48632

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NCP5252 ONSEMI-NCP5252 Datasheet
1Mb / 16P
2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
January, 2010 ??Rev. 0
NCP1597A ONSEMI-NCP1597A Datasheet
350Kb / 13P
1 MHz, 2.0 A Synchronous Buck Regulator
June, 2010 ??Rev. 0
logo
Fairchild Semiconductor
FAN48630 FAIRCHILD-FAN48630 Datasheet
1Mb / 15P
2.5 MHz, 1500 mA, Synchronous TinyBoost??Regulator with Bypass Mode
FAN48610 FAIRCHILD-FAN48610 Datasheet
1Mb / 13P
2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
logo
ON Semiconductor
NCP5252 ONSEMI-NCP5252_12 Datasheet
1Mb / 16P
2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
July, 2012 ??Rev. 4
FAN4860 ONSEMI-FAN4860 Datasheet
1Mb / 21P
3 MHz, Synchronous TinyBoost Regulator
February 2014 Rev. 1.1.1
FAN48610 ONSEMI-FAN48610 Datasheet
775Kb / 12P
2.5 MHz, Fixed-Output Synchronous TinyBoost Regulator
August 2015 Rev. 1.5
FAN48632 ONSEMI-FAN48632 Datasheet
1Mb / 15P
Pulsed-Load Synchronous TinyBoost Regulator with Bypass Mode for GSM PA Supply
April 2014 Rev. 1.0.3
FAN4868 ONSEMI-FAN4868 Datasheet
309Kb / 12P
3 MHz, Synchronous TinyBoost Regulator
October, 2018 ??Rev. 3
FAN48695 ONSEMI-FAN48695 Datasheet
620Kb / 14P
Synchronous Regulator, TINYBOOST, 2.5 MHz
March, 2020 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com