Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RP155Z Arkusz danych (PDF) - RICOH electronics devices division

Numer części RP155Z
Szczegółowy opis  Input Voltage Range (Maximum Ratings) 1.9 V to 5.25 V (6.0 V)
Rozmiar pliku   2329.93 Kbytes
Html View  1   2   3   4   5   6   7   8   9    Next
Producent  RICOH [RICOH electronics devices division]
Strona internetowa  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

RP155Z Arkusz danych (PDF) - RICOH electronics devices division



Podobny numer części - RP155Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nisshinbo Micro Devices...
RP155Z NISSHINBO-RP155Z Datasheet
2Mb / 25P
200 mA LDO Regulator with Alternative Dual-Voltage Level Output
RP155Z001B NISSHINBO-RP155Z001B Datasheet
2Mb / 25P
200 mA LDO Regulator with Alternative Dual-Voltage Level Output
RP155Z003B NISSHINBO-RP155Z003B Datasheet
2Mb / 25P
200 mA LDO Regulator with Alternative Dual-Voltage Level Output
RP155Z004B NISSHINBO-RP155Z004B Datasheet
2Mb / 25P
200 mA LDO Regulator with Alternative Dual-Voltage Level Output
RP155Z005B NISSHINBO-RP155Z005B Datasheet
2Mb / 25P
200 mA LDO Regulator with Alternative Dual-Voltage Level Output
More results


Podobny opis - RP155Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
PTH08T255W TI1-PTH08T255W Datasheet
4Mb / 35P
40-A, 8-V to 14-V INPUT, 3-V to 5.25-V OUTPUT, NON-ISOLATED, ADJUSTABLE POWER MODULE
logo
Fairchild Semiconductor
FPF1048BUCX FAIRCHILD-FPF1048BUCX Datasheet
405Kb / 3P
Input Voltage Operating Range: 1.5 V to 5.5 V
logo
Texas Instruments
PT6653E TI-PT6653E Datasheet
351Kb / 16P
Single Device: 5-A Output Input Voltage Range: 9 V to 28 V 12 V / 24 V Input Compatible
logo
Nell Semiconductor Co.,...
D2060C NELLSEMI-D2060C Datasheet
227Kb / 5P
High voltage ratings up to 2500 V
logo
RICOH electronics devic...
R1517 RICOH-R1517 Datasheet
950Kb / 38P
Input Voltage Range (Maximum Rating) 3.5 V to 36.0 V (50.0V)
April 1, 2012
R5112 RICOH-R5112 Datasheet
1Mb / 34P
Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
April 1, 2012
R1524 RICOH-R1524 Datasheet
2Mb / 32P
Input Voltage Range (Maximum Rating) 3.5 V to 36 V (50 V)
April 1, 2012
R1513S RICOH-R1513S Datasheet
1Mb / 23P
Input Voltage (Maximum Ratings) 3.5 V to 36 V (50 V)
April 1, 2012
logo
Vishay Siliconix
VS-SD200N VISHAY-VS-SD200N Datasheet
149Kb / 7P
High voltage ratings up to 2400 V
25-Nov-13
logo
Renesas Technology Corp
DA9211 RENESAS-DA9211 Datasheet
2Mb / 75P
2.8 V to 5.5 V Input voltage
22-Feb-2022
More results

Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com