Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PE42427 Arkusz danych(PDF) 10 Page - Peregrine Semiconductor

Numer części PE42427
Szczegółowy opis  SPDT RF Switch 5-6000 MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PSEMI [Peregrine Semiconductor]
Strona internetowa  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42427 Arkusz danych(HTML) 10 Page - Peregrine Semiconductor

Back Button PE42427 Datasheet HTML 6Page - Peregrine Semiconductor PE42427 Datasheet HTML 7Page - Peregrine Semiconductor PE42427 Datasheet HTML 8Page - Peregrine Semiconductor PE42427 Datasheet HTML 9Page - Peregrine Semiconductor PE42427 Datasheet HTML 10Page - Peregrine Semiconductor PE42427 Datasheet HTML 11Page - Peregrine Semiconductor PE42427 Datasheet HTML 12Page - Peregrine Semiconductor PE42427 Datasheet HTML 13Page - Peregrine Semiconductor PE42427 Datasheet HTML 14Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Product Specification
PE42427
Document No.
DOC-81523-1 |
UltraCMOS® RFIC Solutions
Page 10 of 16
©2017 Peregrine Semiconductor Corp. All rights reserved.
Performance Comparison @ +25 °C and VDD = 3.3V, with or without matching
Note: * High frequency performance can be improved by external matching (see Figure 22 through Figure 27 and Figure 30).
Figure 22. Insertion Loss RF1*
Figure 25. Insertion Loss RF2*
Figure 26. Active Port Return Loss (RF2 Active)*
Figure 23. Active Port Return Loss (RF1 Active)*
Figure 24. RFC Port Return Loss (RF1 Active)*
Figure 27. RFC Port Return Loss (RF2 Active)*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com