Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PE42427 Arkusz danych(PDF) 4 Page - Peregrine Semiconductor

Numer części PE42427
Szczegółowy opis  SPDT RF Switch 5-6000 MHz
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PSEMI [Peregrine Semiconductor]
Strona internetowa  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE42427 Arkusz danych(HTML) 4 Page - Peregrine Semiconductor

  PE42427 Datasheet HTML 1Page - Peregrine Semiconductor PE42427 Datasheet HTML 2Page - Peregrine Semiconductor PE42427 Datasheet HTML 3Page - Peregrine Semiconductor PE42427 Datasheet HTML 4Page - Peregrine Semiconductor PE42427 Datasheet HTML 5Page - Peregrine Semiconductor PE42427 Datasheet HTML 6Page - Peregrine Semiconductor PE42427 Datasheet HTML 7Page - Peregrine Semiconductor PE42427 Datasheet HTML 8Page - Peregrine Semiconductor PE42427 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Product Specification
PE42427
Document No.
DOC-81523-1 |
UltraCMOS® RFIC Solutions
Page 4 of 16
©2017 Peregrine Semiconductor Corp. All rights reserved.
Table 6. Absolute Maximum Ratings
Notes:
1. VDD within operating range specified in Table 5.
2. Human Body Model (MIL_STD 883 Method 3015.7).
3. Machine Model (JEDEC JESD22-A115-A).
Table 5. Operating Ranges
Parameter
Min
Typ
Max
Unit
VDD Supply voltage
2.3
3.3
5.5
V
IDD Power supply current
180
300
μA
RFX-RFC input power
Fig. 4
dBm
Control voltage high
1.2
1.5
3.3
V
Control voltage low
0
0
0.5
V
Operating temperature range
-40
+25
+85
°C
Parameter/Condition
Min
Unit
RF input power, 50
1
5-100 MHz
100-6000 MHz
dBm
dBm
ESD voltage HBM2
RF pins to GND
All other pins
V
ESD voltage MM, all pins3
V
Max
33
34
4000
200
TST Storage temperature
-65
+150
°C
Figure 3. Pin Configuration (Top View)
Table 3. Pin Descriptions
Pin No.
Pin Name
Description
1
GND
Ground
2
RF21
RF port 2
3
GND
Ground
4
GND/NC2
Ground or no connect
5
RFC1
RF common
6
GND
Ground
7
GND
Ground
8
RF11
RF port 1
9
DGND
Digital Ground
10
V1
Switch control input, CMOS logic level
11
LS
Logic Select, CMOS logic level
12
VDD
Supply
Pad
GND
Exposed pad: ground for proper operation
Notes:
1. RF pins 2, 5 and 8 must be at 0 VDC. The RF pins do not required DC
blocking capacitors for proper operation if the 0 VDC requirement is met.
2. Pin 4 can be grounded or left unconnected externally.
Table 4. Truth Table
Path
V1
LS
RFC-RF2
1
1
RFC-RF1
0
1
RFC-RF1
1
0
RFC-RF2
0
0
Latch-Up Avoidance
Unlike conventional CMOS devices, UltraCMOS
devices are immune to latch-up.
Electrostatic Discharge (ESD) Precautions
When handling this UltraCMOS device, observe
the same precautions that you would use with
other ESD-sensitive devices. Although this device
contains circuitry to protect it from damage due to
ESD, precautions should be taken to avoid
exceeding the specified rating.
Moisture Sensitivity Level
The Moisture Sensitivity Level rating for the
PE42427 in the 12-lead 2 × 2 × 0.55 mm QFN
package is MSL1.
Exceeding absolute maximum ratings may cause
permanent damage. Operation should be restricted
to the limits in the Operating Ranges table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com