| Zakładka z wyszukiwarką danych komponentów |
|
ISM330DLC Arkusz danych(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ISM330DLC Arkusz danych(HTML) 49 Page - STMicroelectronics |
|
49 / 116 page ![]() Table 19. Internal pin status pin# Name Mode 1 function Mode 2 function Mode 3 / Mode 4 function Pin status Mode 1 Pin status Mode 2 Pin status Mode 3/4 1 SDO SPI 4-wire interface serial data output (SDO) SPI 4-wire interface serial data output (SDO) SPI 4-wire interface serial data output (SDO) Default: Input without pull-up. Pull-up is enabled if bit SIM = 1 (SPI 3- wire) in reg 12h. Default: Input without pull-up. Pull-up is enabled if bit SIM = 1 (SPI 3- wire) in reg 12h. Default: Input without pull-up. Pull-up is enabled if bit SIM = 1 (SPI 3- wire) in reg 12h. SA0 I2C least significant bit of the device address (SA0) I2C least significant bit of the device address (SA0) I2C least significant bit of the device address (SA0) 2 SDx Connect to VDDIO or GND I2C serial data master (MSDA) Auxiliary SPI 3/4-wire interface serial data input (SDI) and SPI 3- wire serial data output (SDO) Default: input without pull-up. Pull-up is enabled if bit PULL_UP_EN = 1 in reg 1Ah. Default: input without pull-up. Pull-up is enabled if bit PULL_UP_EN = 1 in reg 1Ah. Default: input without pull-up. Pull-up is enabled if bit PULL_UP_EN = 1 in reg 1Ah. 3 SCx Connect to VDDIO or GND I2C serial clock master (MSCL) Auxiliary SPI 3/4-wire interface serial port clock (SPC_Aux) Default: input without pull-up. Pull-up is enabled if bit PULL_UP_EN = 1 in reg 1Ah. Default: input without pull-up. Pull-up is enabled if bit PULL_UP_EN = 1 in reg 1Ah. Default: input without pull-up. Pull-up is enabled if bit PULL_UP_EN = 1 in reg 1Ah. 4 INT1 Programmable interrupt 1 Programmable interrupt 1 Programmable interrupt 1 Default: Output forced to ground Default: Output forced to ground Default: Output forced to ground 5 Vdd_IO Power supply for I/O pins Power supply for I/O pins Power supply for I/O pins 6 GND 0 V supply 0 V supply 0 V supply 7 GND 0 V supply 0 V supply 0 V supply 8 Vdd Power supply Power supply Power supply 9 INT2 Programmable interrupt 2 (INT2) / Data enabled (DEN) Programmable interrupt 2 (INT2) / Data enabled (DEN) / I2C master external synchronization signal (MDRDY) Programmable interrupt 2 (INT2) / Data enabled (DEN) Default: Output forced to ground Default: Output forced to ground Default: Output forced to ground |