Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

F16048 Arkusz danych(PDF) 1 Page - Ledil, Inc.

Numer części F16048
Szczegółowy opis  Linnea Lens
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEDIL [Ledil, Inc.]
Strona internetowa  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F16048 Arkusz danych(HTML) 1 Page - Ledil, Inc.

  F16048 Datasheet HTML 1Page - Ledil, Inc. F16048 Datasheet HTML 2Page - Ledil, Inc. F16048 Datasheet HTML 3Page - Ledil, Inc. F16048 Datasheet HTML 4Page - Ledil, Inc. F16048 Datasheet HTML 5Page - Ledil, Inc. F16048 Datasheet HTML 6Page - Ledil, Inc. F16048 Datasheet HTML 7Page - Ledil, Inc. F16048 Datasheet HTML 8Page - Ledil, Inc. F16048 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
PRODUCT DATASHEET
Linnea series
last update 25/1/2018
DETAILS
Product Number
F16048_LINNEA-UP
Family
Linnea
Type
Lens
Color
clear
Diameter
mm
Height
mm
Style
rectang
Optic Material
PC
Holder Material
Fastening
clips
Status
sample approved
ROHS Compliant
Yes
Date Updated
25/01/2018
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
Tridino 1ft 1100lm xxxHE 1R HV
Asymmetric degWide-Area... 79 %
0.320
-
XP-E
Asymmetric degWide-Area... 76 %
0.300
-
NF2x757G
Asymmetric degWide-Area... 77 %
0.320
-
PrevaLED Linear Slim 3 (1100lm)
Asymmetric degWide-Area... 74 %
0.270
-
Duris S5 (2 chip)
Asymmetric degWide-Area... 75 %
0.270
-
PrevaLED Linear Slim 3 (2000lm)
Asymmetric degWide-Area... 74 %
0.270
-
Duris S5 (Single chip)
Asymmetric degWide-Area... 76 %
0.280
-
Fortimo LED Strip 1ft 1100lm FC HV4 & LV4
Asymmetric degWide-Area... 73 %
0.250
-
Fortimo LED Strip 1ft 650lm FC HV4 & LV4
Asymmetric degWide-Area... 73 %
0.240
-
LT-S282H
Asymmetric degWide-Area... 77 %
0.320
-
LT-Q282B
Asymmetric degWide-Area... 77 %
0.310
-
LT-H282C
Asymmetric degWide-Area... 77 %
0.310
-
LT-V282E
Asymmetric degWide-Area... 77 %
0.320
-
SunLike 3030
Asymmetric degWide-Area... 76 %
0.280
-
LLE G4 24x280mm 650lm
Asymmetric degWide-Area... 75 %
0.270
-
LLE G4 24x280mm 2000lm ADV
Asymmetric degWide-Area... 75 %
0.260
-
LLE G4 24x280mm 1250lm
Asymmetric degWide-Area... 75 %
0.270
-
January 31st 2018 10:23 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Podobny numer części - F16048

ProducentNumer częściArkusz danychSzczegółowy opis
logo
C&K Components
F1604 CK-COMPONENTS-F1604 Datasheet
1Mb / 9P
Pushbutton Switches
29 may 19
logo
Alpha Wire
F16042KW ALPHAWIRE-F16042KW Datasheet
415Kb / 5P
16 (65/34) AWG Bare Copper
F16042LW ALPHAWIRE-F16042LW Datasheet
415Kb / 5P
16 (65/34) AWG Bare Copper
F16042RW ALPHAWIRE-F16042RW Datasheet
415Kb / 5P
16 (65/34) AWG Bare Copper
F16049KW ALPHAWIRE-F16049KW Datasheet
416Kb / 5P
16 (65/34) AWG Bare Copper
More results

Podobny opis - F16048

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
F15523 CREE-F15523 Datasheet
518Kb / 10P
Linnea series
logo
Ledil, Inc.
F15941 LEDIL-F15941 Datasheet
2Mb / 37P
Linnea Lens
F15952 LEDIL-F15952 Datasheet
2Mb / 39P
Linnea Lens
F15756 LEDIL-F15756 Datasheet
2Mb / 52P
Linnea Lens
F15860 LEDIL-F15860 Datasheet
2Mb / 51P
Linnea Lens
F15861 LEDIL-F15861 Datasheet
2Mb / 59P
Linnea
F15940 LEDIL-F15940 Datasheet
2Mb / 44P
Linnea Lens
F16453 LEDIL-F16453 Datasheet
1Mb / 4P
Linnea Accessory
F16182 LEDIL-F16182 Datasheet
4Mb / 3P
Long, male end cap compatible with LINNEA-90
F16339 LEDIL-F16339 Datasheet
3Mb / 3P
Long, male end cap compatible with LINNEA-ZT25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com