Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

F16048 Arkusz danych(PDF) 2 Page - Ledil, Inc.

Numer części F16048
Szczegółowy opis  Linnea Lens
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEDIL [Ledil, Inc.]
Strona internetowa  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F16048 Arkusz danych(HTML) 2 Page - Ledil, Inc.

  F16048 Datasheet HTML 1Page - Ledil, Inc. F16048 Datasheet HTML 2Page - Ledil, Inc. F16048 Datasheet HTML 3Page - Ledil, Inc. F16048 Datasheet HTML 4Page - Ledil, Inc. F16048 Datasheet HTML 5Page - Ledil, Inc. F16048 Datasheet HTML 6Page - Ledil, Inc. F16048 Datasheet HTML 7Page - Ledil, Inc. F16048 Datasheet HTML 8Page - Ledil, Inc. F16048 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 38 page
background image
A
H
B
G
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class
M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
SCALE
1:1 WEIGHT
36,13 g
SHEET
1/2
SIZE
A3
DRAWING TITLE
LINNEA-UP Mechanical Drawing
PART NUMBER
F16048
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
First angle projection
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy.
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class F, otherwise class M.
According to DIN ISO 2768-2
Form and position: class K
Control for SPC marked dimensions.
PART NO
MATERIAL
F16048_LINNEA-UP
Polycarbonate
2.7
Front view
Scale:
2:1
PCB max width: 24mm
PCB thickness: 1,6mm
Snap on for
1mm plate
285.1
281,5mm effective length
10.33
Left view
Scale:
1:1
B
B
16.56
180
132
71.2
20
95.2
9.6
9.19
Auxiliary view A
Scale:
1:1
End area
C
Section view B-B
Scale:
2:1
End area max height
for components
End area max width
Typical max height
for components
4.95
4.56
18.1
Detail C
Scale:
4:1
Dimensions measured
from outer edge in
(Auxiliary view A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com