Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

K1-TCN Arkusz danych(PDF) 1 Page - Mini-Circuits

Numer części K1-TCN
Szczegółowy opis  600 to 2600 MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MINI [Mini-Circuits]
Strona internetowa  http://www.minicircuits.com
Logo MINI - Mini-Circuits

K1-TCN Arkusz danych(HTML) 1 Page - Mini-Circuits

  K1-TCN Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transformers
Designer’s Kit K1-TCN+
RF/IF & MICROWAVE COMPONENTS
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For quick access to product information see MINI-CIRCUITS CATALOG & WEB SITE
ISO 9001 ISO 14001 AS 9100 CERTIFIED
600 to 2600 MHz
TCN+ Features
Balanced transmission line
Very wide bandwidth
Rugged LTCC construction
Small size, 0.12” (L) x .06” (W) x .037” (H)
Low cost
o S
C O M P L I A N T
All models are
RoHS compliant
MINI-CIRCUITS DESIGNER’S KITS
THE SOLUTION !
Model
Config-
Ω
Frequency
Insertion
Phase
Amplitude
uration
Ratio
( MHz)
Loss
Unbal.
Unbal.
(dB)
(dB)
(dB)
Typ.
TCN1-10+
G
1
680-1050
0.9
4
0.7
TCN1-23+
G
1
1300-2300
0.7
5
0.7
TCN2-14+
G
2
700-1400
0.8
8
0.7
TCN2-26+
G
2
1600-2600
0.75
4
0.6
TCN3-11+
G
3
600-1100
0.7
6
1
TCN4-13+
G
4
650-1250
1.0
8
0.7
TCN4-22+
J
4
1200-2200
1.0
10
0.6
Kit K1-TCN+ Electrical specifications of each model
only
5995
$
ea. kit (7 models, 5 of each, 35 total)
* Insertion loss is referenced to mid-band loss.
Configurations
G
J
®
REV. OR
M108655
K1-TCN+


Podobny numer części - K1-TCN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
K1-TCG2 MINI-K1-TCG2 Datasheet
298Kb / 1P
0.3 to 3000 MHz
K1-TCG2+ MINI-K1-TCG2+ Datasheet
298Kb / 1P
0.3 to 3000 MHz
K1-TCM MINI-K1-TCM Datasheet
316Kb / 1P
0.5 to 2500MHz
K1-TCM+ MINI-K1-TCM+ Datasheet
316Kb / 1P
0.5 to 2500MHz
K1-TCW MINI-K1-TCW Datasheet
591Kb / 1P
Baluns/Transformers
REV. OR
More results

Podobny opis - K1-TCN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
PA38-2 MACOM-PA38-2 Datasheet
104Kb / 1P
200 TO 2600 MHz CASCADABLE AMPLIFIER
logo
Mini-Circuits
VLF-2600 MINI-VLF-2600 Datasheet
90Kb / 1P
Coaxial Low Pass Filter DC to 2600 MHz
logo
Tyco Electronics
A36-2 MACOM-A36-2 Datasheet
372Kb / 2P
Cascadable Amplifier 100 to 2600 MHz
logo
M/A-COM Technology Solu...
SMA36-2 MA-COM-SMA36-2 Datasheet
1Mb / 2P
Cascadable Amplifier 10 to 2600 MHz
SMPA38-2 MA-COM-SMPA38-2 Datasheet
1Mb / 2P
Cascadable Amplifier 200 to 2600 MHz
logo
Analog Devices
ADRF6703 AD-ADRF6703 Datasheet
1Mb / 36P
1550 MHz to 2650 MHz Quadrature Modulator with 2100 MHz to 2600 MHz Frac-N PLL
REV. 0
logo
API Technologies Corp
310-027023-001 APITECH-310-027023-001 Datasheet
178Kb / 3P
Local Oscillator x26 Multiplier 100 MHz/2600 MHz
logo
M/A-COM Technology Solu...
A36-2 MA-COM-A36-2 Datasheet
635Kb / 3P
Cascadable Amplifier 10 to 2600 MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1333A TAI-SAW-TA1333A Datasheet
364Kb / 8P
SAW Filter 2600 MHz
logo
Yantel Corporation
QF1880Q06A YANTEL-QF1880Q06A Datasheet
3Mb / 12P
Quadrifilar Directional Coupler 1165 MHz-2600 MHz
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com