| Zakładka z wyszukiwarką danych komponentów |
|
DS3153N Arkusz danych(PDF) 13 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS3153N Arkusz danych(HTML) 13 Page - Dallas Semiconductor |
|
13 / 60 page ![]() DS3151/DS3152/DS3153/DS3154 Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs 13 of 60 Table 4-D. Global Pin Descriptions NAME I/O FUNCTION HIZ IPU High-Z Enable Input (Active Low, Open Drain) 0 = tri-state all output pins (Note that the JTRST pin must be low.) 1 = normal operation RST IPU Reset Input (Active Low, Open Drain, Internal 10k W Pullup to VDD). When this global asynchronous reset is pulled low, the internal circuitry is reset and the internal registers (CPU bus mode) are forced to their default values. The device is held in reset as long as RST is low. RST should be held low for at least two master clock cycles. HW I Hardwired Mode Select 0 = CPU bus mode 1 = hardwired mode See Section 3 for details. T3MCLK I T3 Master Clock. A transmission-quality DS3 (44.736MHz ±20ppm, low jitter) clock should be applied at this pin. Wiring T3MCLK high forces LIUs in DS3 mode to use TCLK for receiver clock and data recovery. E3MCLK I E3 Master Clock. A transmission-quality E3 (34.368MHz ±20ppm, low jitter) clock should be applied at this pin. Wiring E3MCLK high forces LIUs in E3 mode to use TCLK for receiver clock and data recovery. STMCLK I STS-1 Master Clock. A transmission-quality STS-1 (51.840MHz ±20ppm, low jitter) clock should be applied at this pin. Wiring STMCLK high forces LIUs in STS-1 mode to use TCLK for receiver clock and data recovery. PRBSn O PRBS Detector Output. This signal reports the status of the PRBS detector. See Section 8 for further details. LLBn, RLBn I Local Loopback Select, Remote Loopback Select {LLB, RLB} = 00 = no loopback 01 = remote loopback 10 = analog local loopback 11 = digital local loopback E3Mn I E3 Mode Enable 0 = DS3 operation 1 = E3 or STS-1 operation STSn I STS-1 Mode Enable When E3M = 1, 0 = E3 operation 1 = STS-1 operation When E3M = 0, STS selects the DS3 AIS pattern. RBIN I Receiver Binary Framer-Interface Enable 0 = Receiver framer interface is bipolar on the RPOS and RNEG pins. The B3ZS/HDB3 decoder is disabled. 1 = Receiver framer interface is binary on the RDAT pin with the RLCV pin indicating line-code violations. The B3ZS/HDB3 encoder is enabled. TBIN I Transmitter Binary Framer-Interface Enable 0 = Transmitter framer interface is bipolar on the TPOS and TNEG pins. The B3ZS/HDB3 encoder is disabled. 1 = Transmitter framer interface is binary on the TDAT pin. (TNEG is ignored and should be wired low.) The B3ZS/HDB3 encoder is enabled. RCINV I Receiver Clock Invert 0 = RPOS/RDAT and RNEG/RLCV update on the falling edge of RCLK. 1 = RPOS/RDAT and RNEG/RLCV update on the rising edge of RCLK. TCINV I Transmitter Clock Invert 0 = TPOS/TDAT and TNEG are sampled on the rising edge of TCLK. 1 = TPOS/TDAT and TNEG are sampled on the falling edge of TCLK. MOT I Motorola Bus Mode Enable 0 = Intel bus mode 1 = Motorola bus mode ALE I Address Latch Enable. This signal controls a latch on the A[5:0] inputs. In nonmultiplexed bus applications, ALE should be wired high to make the latch transparent. In multiplexed bus applications, A[5:0] should be wired to D[5:0]. The falling edge of ALE latches the address. CS I Chip Select (Active Low). CS must be asserted in order to read or write internal registers. WR / R/W I Write Enable (Active Low) or Read/Write Select. In Intel bus mode (MOT = 0), WR is asserted to write internal registers. In Motorola bus mode (MOT = 1), R/ W determines the type of bus |