| Zakładka z wyszukiwarką danych komponentów |
|
DS3153N Arkusz danych(PDF) 14 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS3153N Arkusz danych(HTML) 14 Page - Dallas Semiconductor |
|
14 / 60 page ![]() DS3151/DS3152/DS3153/DS3154 Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs 14 of 60 NAME I/O FUNCTION transaction, with R/ W = 1 indicating a read and R/W = 0 indicating a write. RD/DS I Read Enable (Active Low) or Data Strobe (Active Low). In Intel bus mode (MOT = 0), RD is asserted to read internal registers. In Motorola bus mode (MOT = 1), the rising edge of DS writes data to internal registers. A[5:0] I Address Bus. These inputs specify the address of the internal register to be accessed. A5 is not present on the DS3152. A5 and A4 are not present on the DS3151. D[7:0] I/O Data Bus. These bidirectional lines are inputs during writes to internal registers. They are outputs during reads from internal registers. INT O Interrupt Output (Active Low, Open Drain). This pin is forced low in response to one or more unmasked, active interrupt sources within the device. INT remains low until the interrupt is serviced or masked. VDD P Positive Supply. 3.3V ±5%. All VDD signals should be wired together. VSS P Ground Reference. All VSS signals should be wired together. Table 4-E. JTAG and Test Pin Descriptions NAME I/O FUNCTION JTCLK I JTAG IEEE 1149.1 Test Serial Clock. JTCLK shifts data into JTDI on the rising edge and out of JTDO on the falling edge. If boundary scan is not used, JTCLK should be pulled high. JTDI IPU JTAG IEEE 1149.1 Test Serial-Data Input (Internal 10k W Pullup). Test instructions and data are clocked in on this pin on the rising edge of JTCLK. If boundary scan is not used, JTDI should be left unconnected or pulled high. JTDO O JTAG IEEE 1149.1 Test Serial-Data Output. Test instructions and data are clocked out on this pin on the falling edge of JTCLK. JTRST IPU JTAG IEEE 1149.1 Test Reset (Internal 10k W Pullup). This pin is used to asynchronously reset the test access port (TAP) controller. If boundary scan is not used, JTRST can be held low or high. JTMS IPU JTAG IEEE 1149.1 Test Mode Select (Internal 10k W Pullup). This pin is sampled on the rising edge of JTCLK and is used to place the port into the various defined IEEE 1149.1 states. If boundary scan is not used, JTMS should be left unconnected or pulled high. TEST IPU Factory Test Pin. Leave unconnected or wire high for normal operation. Note 1: Pin type I = input pin. Pin type O = output pin. Pin type P = power-supply pin. Note 2: Pin type O3 is an output that can be tri-stated. Note 3: Pin type IPU is an input with an internal 10k W pullup. Note 4: For pin names of the form PINn, n = LIU# = 1, 2, 3, or 4. PIN1 is on LIU 1, PIN2 is on LIU 2, etc. Note 5: Section 14 shows hardware mode and CPU bus mode pin assignments. Table 4-F. Transmitter Data Select Options TDSA TDSB E3M STS Tx MODE TRANSMIT DATA SELECTED 0 0 X X Any Normal data as input at TPOS and TNEG 0 1 0 0 DS3 0 1 1 0 E3 0 1 1 1 STS-1 Unframed all ones 0 1 0 1 DS3 DS3 AIS per ANSI T1.107 (Figure 7-2) 1 0 X X Any Unframed 100100… pattern 1 1 1 0 E3 2 23 - 1 PRBS pattern per ITU O.151 1 1 0 X DS3 1 1 1 1 STS-1 2 15 - 1 PRBS pattern per ITU O.151 Note 1: This coding of the TDSA, TDSB, E3M, and STS bits allows AIS generation to be enabled by holding TDSA = 0 and changing TDSB from 0 to 1. The type of DS3 AIS signal is selected by the STS bit with E3M = 0. Note 2: If E3M and/or STS are changed when {TDSA,TDSB} ¹ 00, TDSA and TDSB must both be cleared to 0. After they are cleared, TDSA and TDSB can be configured to transmit a pattern in the new operating mode. Table 4-G. Receiver PRBS Pattern Select Options E3M STS Rx MODE RECEIVER PRBS PATTERN SELECTED 1 0 E3 2 23 - 1 PRBS pattern per ITU O.151 0 X DS3 1 1 STS-1 2 15 - 1 PRBS pattern per ITU O.151 |