Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

S29AS008J Arkusz danych(PDF) 40 Page - Cypress Semiconductor

Numer części S29AS008J
Szczegółowy opis  8 Mbit (1M x 8-Bit / 512K x 16-Bit), 1.8 V Boot Sector Flash
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYPRESS [Cypress Semiconductor]
Strona internetowa  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS008J Arkusz danych(HTML) 40 Page - Cypress Semiconductor

Back Button S29AS008J Datasheet HTML 36Page - Cypress Semiconductor S29AS008J Datasheet HTML 37Page - Cypress Semiconductor S29AS008J Datasheet HTML 38Page - Cypress Semiconductor S29AS008J Datasheet HTML 39Page - Cypress Semiconductor S29AS008J Datasheet HTML 40Page - Cypress Semiconductor S29AS008J Datasheet HTML 41Page - Cypress Semiconductor S29AS008J Datasheet HTML 42Page - Cypress Semiconductor S29AS008J Datasheet HTML 43Page - Cypress Semiconductor S29AS008J Datasheet HTML 44Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
Document Number: 002-00870 Rev.*K
Page 40 of 56
S29AS008J
15. DC Characteristics
15.1
CMOS Compatible
Notes
1. The ICC current listed is typically less than 1 mA/MHz, with OE# at VIH.
2. ICC active while Embedded Erase or Embedded Program is in progress.
3. Not 100% tested.
4. Automatic sleep mode enables the low power mode when addresses remain stable for tACC + 30 ns.
Typical sleep mode current is 15 µA.
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
ILI
Input Load Current
VIN = VSS to VCC,
VCC = VCC max
1.0
µA
ILI
WP# Input Load Current
VCC = VCC max; WP# = VSS±0.2 V
–15
A9, RESET# Input Load Current
VCC = VCC max; A9, RESET# = 11.0
V
35
ILO
Output Leakage Current
VOUT = VSS to VCC,
VCC = VCC max
1.0
ICC1
VCC Active Read Current
(Note 1)
CE# = VIL, OE# = VIH,
Byte Mode
5 MHz
8
12
mA
1 MHz
2
4
CE# = VIL, OE# = VIH,
Word Mode
5 MHz
8
12
1 MHz
2
4
ICC2
VCC Active Write Current
(Notes 2, 3)
CE# = VIL, OE# = VIH
20
30
mA
ICC3
VCC Standby Current
CE#, RESET# = VCC0.2 V
8
30
µA
ICC4
VCC Standby Current During Reset
RESET# = VSS 0.2 V
8
30
µA
ICC5
Automatic Sleep Mode (Note 4)
VIH = VCC  0.2 V;
VIL = VSS 0.2 V
15
70
µA
VIL
Input Low Voltage
–0.5
0.3 x VCC
V
VIH
Input High Voltage
0.7 x VCC
VCC + 0.3
VID
Voltage for Autoselect and
Temporary Sector Group Unprotect
VCC = 1.65 to 1.95 V
9.0
11.0
VOL
Output Low Voltage
IOL = 2.0 mA, VCC = VCC min
0.25
VOH1
Output High Voltage
IOH = –2.0 mA, VCC = VCC min
0.85 x VCC
VOH2
IOH = –100 µA, VCC = VCC min
VCC–0.1
VLKO
Low VCC Lock-Out Voltage (Note 3)
1.2
1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com