Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CMZFW Arkusz danych(PDF) 1 Page - Wall Industries,Inc.

Numer części CMZFW
Szczegółowy opis  Output Current up to 8A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WALL [Wall Industries,Inc.]
Strona internetowa  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMZFW Arkusz danych(HTML) 1 Page - Wall Industries,Inc.

  CMZFW Datasheet HTML 1Page - Wall Industries,Inc. CMZFW Datasheet HTML 2Page - Wall Industries,Inc. CMZFW Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
CMZFW Series
30 Watt Single Output
Chassis Mount DC/DC Converter
4:1 Ultra Wide Input Voltage Range
Rev. B
FEATURES
● Output Current up to 8A
● High Efficiency up to 88%
● Fixed Switching Frequency
● Six-Sided Continuous Shield
● 4:1 Wide Input Voltage Range
● International Safety Standard Approval
● Call Factory for More Output Power Options
● Chassis Mount Options: Open Frame, U Channel, and Enclosed Types Available
SPECIFICATIONS: CMZFW Series
All specifications apply @ 25°C ambient unless otherwise noted
INPUT SPECIFICATIONS
Input Voltage Range .................... 24V nominal input ................ 10-40VDC
48V nominal input ................ 18-75VDC
Under Voltage Lockout
24VDC input ........................... DC-DC ON.................................10VDC
DC-DC OFF ...............................16VDC
48VDC input ........................... DC-DC ON.................................18VDC
DC-DC OFF ...............................16VDC
Input Voltage Variation ................ dv/dt ................................... 5V/ms max.
(Complies with ETS300 132 part 4.4)
Input Surge Voltage (100ms max) ........... 24V input .......................50VDC
48V input .....................100VDC
Input Reflected Ripple Current (nominal Vin and full load) ...........20mAp-p
Start Up Time (nominal Vin and constant resistive load)
Power Up................................................................................10ms typ.
Remote ON/OFF ....................................................................10ms typ.
Remote ON/OFF (See Note 1)
(Positive Logic)............... DC-DC ON................Open or 3V < Vr < 12V
DC-DC OFF .............Short or 0V < Vr < 1.2V
Remote Off Input Current (nominal Vin) ..............................................3mA
OUTPUT SPECIFICATIONS
Output Voltage ..............................................................................see table
Voltage Accuracy (nominal Vin and full load) ...................................... ±1%
Voltage Adjustability........................................................................... ±10%
Output Current ..............................................................................see table
Output Power ........................................................................ 30 watts max.
Line Regulation (LL to HL at FL)...................................................... ±0.5%
Load Regulation (10% to 100% FL)................................................. ±0.5%
Minimum Load ...................................................................................... 0%
Ripple/Noise (20 MHz BW) ...........................................................see table
(measured with a 104pF/50V MLCC)
Transient Response Recovery Time (25% load step change).......... 250us
PROTECTION SPECIFICATIONS
Over Voltage Protection....................................1.5V Output ............... 3.9V
Zener diode clamp
1.8V Output ............... 3.9V
2.5V Output ............... 3.9V
3.3V Output ............... 3.9V
5V Output .................. 6.2V
12V Output ................. 15V
15V Output ................. 18V
Over Load Protection (% of full load at nominal input).............. 150% max.
Short Circuit Protection ....................................Hiccup, automatic recovery
Over Temperature Protection .................................................... 115°C typ.
GENERAL SPECIFICATIONS
Efficiency ........................................................................................see table
Switching Frequency .................................................................300KHz typ.
Isolation Voltage
Input to Output ................................................................... 1600VDC min.
Input to Case ..................................................................... 1600VDC min.
Output to Case................................................................... 1600VDC min.
Isolation Resistance ...............................................................10
9 ohms min.
Isolation Capacitance .............................................................. 1000pF max.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature ................................ -40°C to +85°C (with derating)
Storage Temperature .......................................................... -55°C ~ +105°C
Maximum Case Temperature ........................................................... +100°C
Relative Humidity (non-condensing) .....................................5% to 95% RH
Temperature Coefficient ................................................... ±0.02% / °C max.
Thermal Impedance (See Note 3)
Natural Convection ............................................................. 10°C / Watt
Natural Convection with Heat-Sink.................................... 8.24°C/Watt
Thermal Shock .................................................................... MIL-STD-810D
Vibration ................................10~55Hz, 10G, 30 minutes along X, Y, and Z
MTBF (See Note 2) .............................................................. 1.315 x 10
6 hrs
PHYSICAL SPECIFICATIONS
Potting material of the DC/DC Converter ..........................Epoxy (UL94-V0)
Shielding of the DC/DC Converter............................................... six – sided
Weight ............................................................................Approximately 7oz.
Dimensions............................................ 4.00(L) x 2.25(W) x 0.81(H) inches
SAFETY & EMC
Approvals and Standards .................. IEC60950-1, UL60950-1, EN60950-1
Conducted Emissions................. EN55022 ...................................... Class A
Radiated Emissions.................... EN55022 ...................................... Class A
ESD ............................................ EN61000-4-2.....................Perf. Criteria B
Radiated Immunity...................... EN61000-4-3 ....................Perf. Criteria A
Fast Transient............................. EN61000-4-4 ................... Perf. Criteria B
Surge .......................................... EN61000-4-5. ...................Perf. Criteria B
Conducted Immunity
EN61000-4-6.....................Perf. Criteria A
Due to advances in technology, specifications subject to change without notice


Podobny numer części - CMZFW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wall Industries,Inc.
CMZF WALL-CMZF Datasheet
250Kb / 3P
30 Watt Single Output 2:1 Wide Input Voltage Range Chassis Mount DC/DC Converter
CMZF12S1.5-6000 WALL-CMZF12S1.5-6000 Datasheet
250Kb / 3P
30 Watt Single Output 2:1 Wide Input Voltage Range Chassis Mount DC/DC Converter
CMZF12S1.8-6000 WALL-CMZF12S1.8-6000 Datasheet
250Kb / 3P
30 Watt Single Output 2:1 Wide Input Voltage Range Chassis Mount DC/DC Converter
CMZF12S12-2500 WALL-CMZF12S12-2500 Datasheet
250Kb / 3P
30 Watt Single Output 2:1 Wide Input Voltage Range Chassis Mount DC/DC Converter
CMZF12S15-2000 WALL-CMZF12S15-2000 Datasheet
250Kb / 3P
30 Watt Single Output 2:1 Wide Input Voltage Range Chassis Mount DC/DC Converter
More results

Podobny opis - CMZFW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power Mate Technology C...
HAE75-24S3P3W P-DUKE-HAE75-24S3P3W Datasheet
381Kb / 5P
OUTPUT CURRENT UP TO 20A
HAE100-12S3P3 P-DUKE-HAE100-12S3P3 Datasheet
357Kb / 5P
OUTPUT CURRENT UP TO 25A
logo
STMicroelectronics
L79L05ABZ-AP STMICROELECTRONICS-L79L05ABZ-AP Datasheet
717Kb / 27P
Output current up to 100 mA
29-Jul-2009
logo
SHANGHAI BELLING CO., L...
BL7805 BELLING-BL7805 Datasheet
473Kb / 6P
Output Current up to 1.2A
logo
Emerson Network Power
AGQ200-48S1V2 EMERSON-NETWORKPOWER-AGQ200-48S1V2 Datasheet
340Kb / 13P
Delivering up to 40A output current
AGQ200B-48S3V3 EMERSON-NETWORKPOWER-AGQ200B-48S3V3 Datasheet
320Kb / 14P
Delivering up to 40A output current
AVE360-48S12 EMERSON-NETWORKPOWER-AVE360-48S12 Datasheet
552Kb / 19P
Delivers up to 30A output current
logo
List of Unclassifed Man...
1693 ETC2-1693 Datasheet
2Mb / 3P
Up to 60 A output current
logo
Wall Industries,Inc.
CV552.5-3000 WALL-CV552.5-3000 Datasheet
1Mb / 6P
Output Current up to 3A
CVSERIES WALL-CVSERIES Datasheet
1Mb / 6P
Output Current up to 3A
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com