Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CMZFW Arkusz danych(PDF) 2 Page - Wall Industries,Inc.

Numer części CMZFW
Szczegółowy opis  Output Current up to 8A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WALL [Wall Industries,Inc.]
Strona internetowa  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

CMZFW Arkusz danych(HTML) 2 Page - Wall Industries,Inc.

  CMZFW Datasheet HTML 1Page - Wall Industries,Inc. CMZFW Datasheet HTML 2Page - Wall Industries,Inc. CMZFW Datasheet HTML 3Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833
603-778-2300 www.wallindustries.com Fax 603-778-9797
CMZFW Series
30 Watt Single Output
Chassis Mount DC/DC Converter
4:1 Ultra Wide Input Voltage Range
Rev. B
OUTPUT VOLTAGE / CURRENT RATING CHART
Model Number
Input Voltage
Output Voltage
Output Current
Input Current
(4)
Ripple & Noise
Efficiency
(5)
(Typ)
Max Capacitive
Load
(6)
CMZFW24S1.5-8000
1.5 VDC
8000 mA
658 mA
60mVp-p
80%
65000µF
CMZFW24S1.8-8000
1.8 VDC
8000 mA
759 mA
60mVp-p
83%
65000µF
CMZFW24S2.5-8000
2.5 VDC
8000 mA
1029 mA
60mVp-p
85%
33000µF
CMZFW24S3.3-6000
3.3 VDC
6000 mA
994 mA
60mVp-p
87%
195000µF
CMZFW24S5-6000
5 VDC
6000 mA
1506 mA
75mVp-p
87%
10200µF
CMZFW24S12-2500
12 VDC
2500 mA
1506 mA
100mVp-p
87%
3300µF
CMZFW24S15-2000
24 VDC
(10 ~ 40 VDC)
15 VDC
2000 mA
1488 mA
100mVp-p
88%
1100µF
CMZFW48S1.5-8000
1.5 VDC
8000 mA
329 mA
60mVp-p
80%
65000µF
CMZFW48S1.8-8000
1.8 VDC
8000 mA
380 mA
60mVp-p
83%
65000µF
CMZFW48S2.5-8000
2.5 VDC
8000 mA
508 mA
60mVp-p
86%
33000µF
CMZFW48S3.3-6000
3.3 VDC
6000 mA
497 mA
60mVp-p
87%
195000µF
CMZFW48S5-6000
5 VDC
6000 mA
744 mA
75mVp-p
88%
10200µF
CMZFW48S12-2500
12 VDC
2500 mA
753 mA
100mVp-p
87%
3300µF
CMZFW48S15-2000
48 VDC
(18 ~ 75 VDC)
15 VDC
2000 mA
744 mA
100mVp-p
88%
1100µF
NOTES
1. ON/OFF control function: There are positive logic (standard) and negative logic (option). The pin voltage is referenced to
negative input. To order negative logic ON/OFF control add the suffix-R.
2. BELLCORE TR-NWT-000332. Case I: 50% Stress, Temperature at 40ºC. (Ground fixed and controlled environment).
3. Heat sink is optional. Please call factory for ordering details.
4. Maximum value at nominal input voltage and full load.
5. Typical value at nominal input voltage and full load
6. Test by minimum Vin and constant resistive load.
7. Chassis Mount Options: No suffix for open frame, “U” suffix for U Channel, and “E” suffix for Enclosed type.
DERATING CURVES



Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com