| Zakładka z wyszukiwarką danych komponentów |
|
ASM692AEPA Arkusz danych(PDF) 10 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
ASM692AEPA Arkusz danych(HTML) 10 Page - Alliance Semiconductor Corporation |
|
10 / 13 page ![]() 10 of 13 Notice: The information in this document is subject to change without notice ASM690A / 692A ASM802L / 802M ASM805L µP Power Supply Supervisor With Battery Backup Switch rev 1.0 October 2003 Reset Threshold Hysteresis 40 mV Reset Pulse Width tRS 140 200 280 ms Reset Output Volt- age ISOURCE = 800µA VCC - 1.5 V ISINK = 3.2mA 0.4 ASM69_AC, ASM802_C, VCC=1.0V, ISINK=50µA 0.3 ASM69_AE, ASM802_E, VCC=1.2V, ISINK=100µA 0.3 ASM805LC, ISOURCE=4µA, VCC = 1.1V 0.8 ASM805LE, ISOURCE=4µA, VCC = 1.2V 0.9 ASM805L, ISOURCE=800µA VCC - 1.5 ASM805L, ISINK=3.2mA 0.4 Watchdog Timeout tWD 1.00 1.60 2.25 sec WDI Pulse Width tWP VIL = 0.4V, VIH = 0.8VCC 50 ns WDI Input Current WDI = VCC 50 150 µA WDI = 0V -150 -50 µA WDI Input Thresh- old (Note 3) VCC = 5V, Logic LOW 0.8 V PFI Input Thresh- old ASM69_A,ASM805L, VCC = 5V 1.20 1.25 1.30 V ASM802_C/E, VCC = 5V 1.225 1.250 1.275 PFI Input Current -25 0.01 25 nA PFO Output Volt- age ISOURCE = 800µA VCC - 1.5 V ISINK = 3.2mA 0.4 Parameter Symbol Conditions Min Typ Max Unit Notes: 1. If VCC or VBATT is 0V, the other must be greater than 2.0V. 2. Battery charging-current is “-”. Battery discharge current is “+”. 3. WDI is guaranteed to be in an intermediate level state if WDI is floating and VCC is within the operating voltage range. WDI input impedance is 50 k Ω. WDI is biased to 0.3VCC. |