| Zakładka z wyszukiwarką danych komponentów |
|
ASM692AEPA Arkusz danych(PDF) 1 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
ASM692AEPA Arkusz danych(HTML) 1 Page - Alliance Semiconductor Corporation |
|
1 / 13 page ![]() Alliance Semiconductor 2575 Augustine Drive . Santa Clara, CA 95054 . Tel: 408.855.4900 . Fax: 408.855.4999 . www.alsc.com Notice: The information in this document is subject to change without notice rev 1.0 µP Power Supply Supervisor With Battery Backup Switch ASM690A / 692A ASM802L / 802M ASM805L October 2003 General Description The AS690A / AS692A / AS802L / AS802M / AS805L offers complete single chip solutions for power supply monitoring and control battery functions in microprocessor systems. Each device implements four functions: Reset control, watchdog monitoring, battery-backup switching and power-failure monitoring. In addition to microprocessor reset under power-up and power-down conditions, these devices provide battery- backup switching to maintain control in power loss and brown- out situations. Additional monitoring capabilities can provide an early warning of unregulated power supply loss before the voltage regulator drops out. The important features of these four functions are: • 1.6 second watchdog timer to keep microprocessor responsive • 4.40V or 4.65V VCC threshold for microprocessor reset at power-up and power-down • SPDT (Single-pole, Double-throw) PMOS switch connects backup power to RAM if VCC fails • 1.25V threshold detector for power loss or general purpose voltage monitoring These features are pin-compatible with the industry standard power-supply supervisors. Short-circuit and thermal protection have also been added. The AS690A / AS802L / AS805L generate a reset pulse when the supply voltage drops below 4.65V and the AS692A / AS802M generate a reset below 4.40V. The ASM802L / ASM802M have power-fail accuracy to ± 2%. The ASM805L is the same as the ASM690A except that RESET is provided instead of RESET. Features • Two precision supply-voltage monitor options •4.65V (AS690A / AS802L / AS805L) •4.40V (AS692A / AS802M ) • Battery-backup power switch on-chip • Watchdog timer: 1.6 second timeout • Power failure / low battery detection • Short circuit protection and thermal limiting • Small 8-pin SO package • No external components • Specified over full temperature range Applications • Embedded control systems • Portable/Battery operated systems • Intelligent instruments • Wireless instruments • Wireless communication systems • PDAs and hand-held equipments • µP / µC power supply monitoring • Safety system Typical Operating Circuit Block Diagram + _ R1 R2 0.1 µF 3.6 V Lithium Battery ASM690A Regulated +5V Unregulated DC VBATT GND VOUT WDI PFO PFI RESET VCC VCC RESET GND GND NMI I/O LINE VCC CMOS RAM Battery-Switchover Circuit Reset Generator Watchdog Timer VBATT VCC WDI PFI VOUT RESET (RESET) PFO 1.25V 3.5V 0.8V 1.25V GND 1 2 3 4 5 6 7 8 |+ |+ |+ |+ - + - + - + - + ASM690A, ASM692A, ASM802L, ASM802M, (ASM805L) Battery-Switchover Circuit Reset Generator Watchdog Timer VBATT VCC WDI PFI VOUT RESET (RESET) PFO 1.25V 3.5V 0.8V 1.25V 1 2 4 5 6 7 8 |+ |+ |+ |+ - + - + - + - + |
Podobny numer części - ASM692AEPA |
|
Podobny opis - ASM692AEPA |