| Zakładka z wyszukiwarką danych komponentów |
|
MP4033GS Arkusz danych(PDF) 5 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MP4033GS Arkusz danych(HTML) 5 Page - Monolithic Power Systems |
|
5 / 25 page ![]() MP4033—PRIMARY-SIDE–CONTROL, OFFLINE LED CONTROLLER WITH PFC MP4033 Rev. 1.0 www.MonolithicPower.com 5 10/22/2014 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2014 MPS. All Rights Reserved. ELECTRICAL CHARACTERISTICS Typical values are VCC =20V, TJ = 25°C, unless otherwise noted. Minimum and maximum values are at VCC =20V, TJ = -40°C to +125°C, unless otherwise noted, guaranteed by characterization. Parameter Symbol Condition Min Typ Max Units Supply Voltage Operating Range V CC After turn on 11 27 V VCC Upper Level: Internal Charging Circuit Stops and IC Turns On V CCH 9.5 10 10.5 V VCC Lower Level: Internal Charging Circuit Triggers V CCL 8.55 9 9.45 V Vcc Re-charge and IC turns off Level in Fault Condition V CCEN Fault condition 6.55 7 7.45 V Supply Current VCC Charging Current from D I Dcharge VD=16V, VCC=5V 13 25 40 mA Pull Down Current at VCC_UVLO IVCC_PULL _DOWN VCC=9V, Rising 0.95 1.25 1.8 mA Quiescent Current I Q No switching, VCC=15V 800 1300 µA Quiescent Current at Fault I Q_FAULT Fault condition, IC latch, VCC=15V 220 340 620 µA Operating Current I CC f s =70kHz, VCC=15V 1 2 mA Multiplier Linear Operation Range V MULT V COMP from 1.9V to 4.9V 0 3 V Gain K (5) V COMP=2V, VMULT=0.5V 0.90 1.28 1.60 1/V V COMP=2V, VMULT=1.5V 0.90 1.25 1.60 1/V V COMP=2V, VMULT=3V 0.90 1.24 1.60 1/V TRIAC Dimming Phase Off Detection Threshold V MULT_OFF 0.08 0.10 0.12 V TRIAC Dimming Phase On Detection Threshold V MULT_ON 0.26 0.28 0.30 V TRIAC Dimming Off Line-Cycle Blanking Ratio D OFF_LEB 28% 30% 33% Dimming Pull-Down Turn on Threshold V MULT DP ON TL Trailing edge dimmer 0.43 0.45 0.47 V V MULT DP ON LD Leading edge dimmer 0.22 0.25 0.28 V Dimming Pull-Down Turn off Threshold V MULT DP OFF TL Trailing edge dimmer 0.26 0.28 0.30 V V MULT DP OFF LD Leading edge dimmer 0.32 0.35 0.38 V Leading Edge Dimming Detection Low Threshold V MULT_LD_LOW 0.08 0.10 0.12 V Leading Edge Dimming Detection High Threshold V MULT_LD_HIGH 0.26 0.28 0.30 V |