Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TSL27721 Arkusz danych(PDF) 35 Page - ams AG

Numer części TSL27721
Szczegółowy opis  Light-to-Digital Converter with Proximity Sensing
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AMSCO [ams AG]
Strona internetowa  http://www.ams.com
Logo AMSCO - ams AG

TSL27721 Arkusz danych(HTML) 35 Page - ams AG

Back Button TSL27721 Datasheet HTML 31Page - ams AG TSL27721 Datasheet HTML 32Page - ams AG TSL27721 Datasheet HTML 33Page - ams AG TSL27721 Datasheet HTML 34Page - ams AG TSL27721 Datasheet HTML 35Page - ams AG TSL27721 Datasheet HTML 36Page - ams AG TSL27721 Datasheet HTML 37Page - ams AG TSL27721 Datasheet HTML 38Page - ams AG TSL27721 Datasheet HTML 39Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
ams Datasheet
Page 35
[v1-00] 2016-Aug-26
Document Feedback
TSL2772 − Principles Of Operation
Persistence Filter Register (0x0C)
The persistence filter register controls the interrupt capabilities
of the device. Configurable filtering is provided to allow
interrupts to be generated after every ADC cycle or if the ADC
cycle has produced a result that is outside of the values
specified by threshold register for some specified amount of
time. Separate filtering is provided for proximity and ALS
functions. ALS interrupts are generated using C0DATA.
Figure 38:
Persistence Filter Register
76
5
4
3
2
1
0
PPERS
APERS
Field
Bits
Description
PPERS
7:4
Proximity interrupt persistence. Controls rate of proximity interrupt to the host
processor
FIELD VALUE
MEANING
INTERRUPT PERSISTENCE FUNCTION
0000
---
Every proximity cycle generates an interrupt
0001
1
1 proximity value out of range
0010
2
2 consecutive proximity values out of range
...
...
...
1111
15
15 consecutive proximity values out of range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56