Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA14744 Arkusz danych(PDF) 1 Page - Ledil, Inc.

Numer części CA14744
Szczegółowy opis  Beam for pedestrian lighting (P4 & P5) in Australia and New Zealand
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEDIL [Ledil, Inc.]
Strona internetowa  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA14744 Arkusz danych(HTML) 1 Page - Ledil, Inc.

  CA14744 Datasheet HTML 1Page - Ledil, Inc. CA14744 Datasheet HTML 2Page - Ledil, Inc. CA14744 Datasheet HTML 3Page - Ledil, Inc. CA14744 Datasheet HTML 4Page - Ledil, Inc. CA14744 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
CA14744_STRADA-SQ-ANZ-P
STRADA-SQ-ANZ-P
Beam for pedestrian lighting (P4 & P5) in
Australia
and
New
Zealand.
Version
with
location pins. Assembly with installation tape.
TECHNICAL SPECIFICATIONS:
Dimensions
25x25 mm
Height
8.3 mm
Fastening
tape, pin
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
7.5 kg
Quantity in Box
2058 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADA-SQ-ANZ-P
Lens
PMMA
clear
ROSE-TAPE
Tape
PU tape
black
Last update: 25/05/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Podobny numer części - CA14744

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ledil, Inc.
CA14745 LEDIL-CA14745 Datasheet
2Mb / 5P
Beam for vehicular road lighting (AS/NSZ V3) in Australia and New Zealand
More results

Podobny opis - CA14744

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Ledil, Inc.
CA14745 LEDIL-CA14745 Datasheet
2Mb / 5P
Beam for vehicular road lighting (AS/NSZ V3) in Australia and New Zealand
CA16031 LEDIL-CA16031 Datasheet
2Mb / 4P
Beam for area and street lighting such as parks and pedestrian walkways
C16029 LEDIL-C16029 Datasheet
2Mb / 5P
Beam for area and street lighting such as parks and pedestrian walkways
C11252 LEDIL-C11252 Datasheet
1Mb / 7P
Beam for area and street lighting such as parks and pedestrian walkways
C11277 LEDIL-C11277 Datasheet
943Kb / 5P
Beam for area and street lighting such as parks and pedestrian walkways
C13023 LEDIL-C13023 Datasheet
1Mb / 4P
Beam for area and street lighting such as parks and pedestrian walkways
C13956 LEDIL-C13956 Datasheet
1Mb / 7P
Beam for area and street lighting such as parks and pedestrian walkways
C14656 LEDIL-C14656 Datasheet
2Mb / 6P
Beam for pedestrian lighting (P4 & P5) in Australia and New Zealand
C14657 LEDIL-C14657 Datasheet
2Mb / 5P
Beam for vehicular road lighting (AS/NSZ V3) in Australia and New Zealand
CA11253 LEDIL-CA11253 Datasheet
1Mb / 9P
Beam for area and street lighting such as parks and pedestrian walkways
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com