Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA14744 Arkusz danych(PDF) 4 Page - Ledil, Inc.

Numer części CA14744
Szczegółowy opis  Beam for pedestrian lighting (P4 & P5) in Australia and New Zealand
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LEDIL [Ledil, Inc.]
Strona internetowa  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

CA14744 Arkusz danych(HTML) 4 Page - Ledil, Inc.

  CA14744 Datasheet HTML 1Page - Ledil, Inc. CA14744 Datasheet HTML 2Page - Ledil, Inc. CA14744 Datasheet HTML 3Page - Ledil, Inc. CA14744 Datasheet HTML 4Page - Ledil, Inc. CA14744 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
PRODUCT
DATASHEET
CA14744_STRADA-SQ-ANZ-P
PHOTOMETRIC DATA (SIMULATED):
LED
OSCONIQ P 7070
FWHM
Asymmetric
Efficiency
91 %
Peak intensity
0.557 cd/lm
Required components:
Last update: 25/05/2018
Subject to change without prior notice
4/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.



Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com