Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HIN232ECBZ Arkusz danych(PDF) 13 Page - Renesas Technology Corp

Numer części HIN232ECBZ
Szczegółowy opis  짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIN232ECBZ Arkusz danych(HTML) 13 Page - Renesas Technology Corp

Back Button HIN232ECBZ Datasheet HTML 9Page - Renesas Technology Corp HIN232ECBZ Datasheet HTML 10Page - Renesas Technology Corp HIN232ECBZ Datasheet HTML 11Page - Renesas Technology Corp HIN232ECBZ Datasheet HTML 12Page - Renesas Technology Corp HIN232ECBZ Datasheet HTML 13Page - Renesas Technology Corp HIN232ECBZ Datasheet HTML 14Page - Renesas Technology Corp HIN232ECBZ Datasheet HTML 15Page - Renesas Technology Corp HIN232ECBZ Datasheet HTML 16Page - Renesas Technology Corp HIN232ECBZ Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
HIN202E, HIN206E, HIN207E, HIN208E, HIN211E, HIN213E, HIN232E
FN4315 Rev 17.00
Page 13 of 23
September 14, 2015
Die Characteristics
METALLIZATION:
Type: Al
Thickness: 10k
Å 1kÅ
SUBSTRATE POTENTIAL
GND
PASSIVATION:
Type: Nitride over Silox
Nitride Thickness: 8k
Å
Silox Thickness: 7k
Å
TRANSISTOR COUNT:
185
PROCESS:
CMOS Metal Gate
Metallization Mask Layout
HIN232E
PIN 1 C1+
PIN 2 V+
C1-
PIN 7
PIN 17 VCC
PIN 3
C2+
PIN 4
C2-
PIN 5
V-
PIN 6
T2IN
PIN 11
T1IN
PIN 12
R1OUT
PIN 13
R1IN
PIN 14
T1OUT
PIN 15
GND
PIN 16
T2OUT
PIN 8
R2IN
PIN 9
T3OUT
PIN 10
R2OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com