Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HIN232ECBZ Arkusz danych(PDF) 21 Page - Renesas Technology Corp

Numer części HIN232ECBZ
Szczegółowy opis  짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIN232ECBZ Arkusz danych(HTML) 21 Page - Renesas Technology Corp

Back Button HIN232ECBZ Datasheet HTML 15Page - Renesas Technology Corp HIN232ECBZ Datasheet HTML 16Page - Renesas Technology Corp HIN232ECBZ Datasheet HTML 17Page - Renesas Technology Corp HIN232ECBZ Datasheet HTML 18Page - Renesas Technology Corp HIN232ECBZ Datasheet HTML 19Page - Renesas Technology Corp HIN232ECBZ Datasheet HTML 20Page - Renesas Technology Corp HIN232ECBZ Datasheet HTML 21Page - Renesas Technology Corp HIN232ECBZ Datasheet HTML 22Page - Renesas Technology Corp HIN232ECBZ Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
HIN202E, HIN206E, HIN207E, HIN208E, HIN211E, HIN213E, HIN232E
FN4315 Rev 17.00
Page 21 of 23
September 14, 2015
Package Outline Drawing
M24.3
24 LEAD WIDE BODY SMALL OUTLINE PLASTIC PACKAGE (SOIC)
Rev 2, 3/11
TOP VIEW
NOTES:
1. Dimensioning and tolerancing per ANSI Y14.5M-1982.
2. Package length does not include mold flash, protrusions or gate
burrs. Mold flash, protrusion and gate burrs shall not exceed
0.15mm (0.006 inch) per side.
3. Package width does not include interlead flash or protrusions.
Interlead flash and protrusions shall not exceed 0.25mm
(0.010 inch) per side.
4. The chamfer on the body is optional. If it is not present, a visual
index feature must be located within the crosshatched area.
5. Terminal numbers are shown for reference only.
6. The lead width as measured 0.36mm (0.014 inch) or greater above
the seating plane, shall not exceed a maximum value of 0.61mm
(0.024 inch).
7. Controlling dimension: MILLIMETER. Converted inch dimensions in
( ) are not necessarily exact.
8. This outline conforms to JEDEC publication MS-013-AD ISSUE C.
SIDE VIEW “A”
SIDE VIEW “B”
TYPICAL RECOMMENDED LAND PATTERN
INDEX
AREA
24
12
3
SEATING PLANE
DETAIL "A"
x 45°
7.60 (0.299)
7.40 (0.291)
0.75 (0.029)
0.25 (0.010)
10.65 (0.419)
10.00 (0.394)
1.27 (0.050)
0.40 (0.016)
15.60 (0.614)
15.20 (0.598)
2.65 (0.104)
2.35 (0.093)
0.30 (0.012)
0.10 (0.004)
1.27 (0.050)
0.51 (0.020)
0.33 (0.013)
0.32 (0.012)
0.23 (0.009)
8°
0°
1.981 (0.078)
9.373 (0.369)
0.533 (0.021)
1.27 (0.050)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com