Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HIN232ECPZ Arkusz danych(PDF) 14 Page - Renesas Technology Corp

Numer części HIN232ECPZ
Szczegółowy opis  짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIN232ECPZ Arkusz danych(HTML) 14 Page - Renesas Technology Corp

Back Button HIN232ECPZ Datasheet HTML 10Page - Renesas Technology Corp HIN232ECPZ Datasheet HTML 11Page - Renesas Technology Corp HIN232ECPZ Datasheet HTML 12Page - Renesas Technology Corp HIN232ECPZ Datasheet HTML 13Page - Renesas Technology Corp HIN232ECPZ Datasheet HTML 14Page - Renesas Technology Corp HIN232ECPZ Datasheet HTML 15Page - Renesas Technology Corp HIN232ECPZ Datasheet HTML 16Page - Renesas Technology Corp HIN232ECPZ Datasheet HTML 17Page - Renesas Technology Corp HIN232ECPZ Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
HIN202E, HIN206E, HIN207E, HIN208E, HIN211E, HIN213E, HIN232E
FN4315 Rev 17.00
Page 14 of 23
September 14, 2015
About Intersil
Intersil Corporation is a leading provider of innovative power management and precision analog solutions. The company's products
address some of the largest markets within the industrial and infrastructure, mobile computing and high-end consumer markets.
For the most updated datasheet, application notes, related documentation and related parts, please see the respective product
information page found at www.intersil.com.
You may report errors or suggestions for improving this datasheet by visiting www.intersil.com/ask.
Reliability reports are also available from our website at www.intersil.com/support.
Revision History
The revision history provided is for informational purposes only and is believed to be accurate, but not warranted. Please go to the web to make
sure that you have the latest revision.
DATE
REVISION
CHANGE
September 14, 2015
FN4315.17
Updated the Ordering Information table starting on page 2.
Added Revision History and About Intersil sections.
Updated Package Outline drawing M24.3 to the latest revision.
-Revision 0 to Revision 1 changes - Remove µ symbol which is overlapping the alpha symbol in the
diagram.
-Revision 1 to Revision 2 changes - Updated to new POD standard by removing table listing
dimensions and putting dimensions on drawing. Added Land Pattern.
Updated Package Outline drawing M28.3 to the latest revision.
-Revision 0 to Revision 1 changes - Added land pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com