Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HIN232ECPZ Arkusz danych(PDF) 2 Page - Renesas Technology Corp

Numer części HIN232ECPZ
Szczegółowy opis  짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  RENESAS [Renesas Technology Corp]
Strona internetowa  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HIN232ECPZ Arkusz danych(HTML) 2 Page - Renesas Technology Corp

  HIN232ECPZ Datasheet HTML 1Page - Renesas Technology Corp HIN232ECPZ Datasheet HTML 2Page - Renesas Technology Corp HIN232ECPZ Datasheet HTML 3Page - Renesas Technology Corp HIN232ECPZ Datasheet HTML 4Page - Renesas Technology Corp HIN232ECPZ Datasheet HTML 5Page - Renesas Technology Corp HIN232ECPZ Datasheet HTML 6Page - Renesas Technology Corp HIN232ECPZ Datasheet HTML 7Page - Renesas Technology Corp HIN232ECPZ Datasheet HTML 8Page - Renesas Technology Corp HIN232ECPZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
HIN202E, HIN206E, HIN207E, HIN208E, HIN211E, HIN213E, HIN232E
FN4315 Rev 17.00
Page 2 of 23
September 14, 2015
Ordering Information
PART NO.
(Note 1)
PART MARKING
TEMP. RANGE
(°C)
PACKAGE
(RoHS Compliant)
PKG. DWG. #
HIN202ECBZ
202ECBZ
0 to 70
16 Ld SOIC (W)
M16.3
HIN202ECBZ-T (Note 2)
202ECBZ
16 Ld SOIC (W) Tape and Reel
M16.3
HIN202ECBNZ
202ECBNZ
16 Ld SOIC (N)
M16.15
HIN202ECBNZ-T (Note 2)
202ECBNZ
16 Ld SOIC (N) Tape and Reel
M16.15
HIN202ECPZ
202ECPZ
16 Ld PDIP*
E16.3
HIN202EIBZ
202EIBZ
-40 to 85
16 Ld SOIC (W)
M16.3
HIN202EIBZ-T (Note 2)
202EIBZ
16 Ld SOIC (W) Tape and Reel
M16.3
HIN202EIBNZ
202EIBNZ
16 Ld SOIC (N)
M16.15
HIN202EIBNZ-T (Note 2)
202EIBNZ
16 Ld SOIC (N) Tape and Reel
M16.15
HIN206ECBZ
HIN206ECBZ
0 to 70
24 Ld SOIC
M24.3
HIN206ECBZ-T (Note 2)
HIN206ECBZ
24 Ld SOIC Tape and Reel
M24.3
HIN206EIAZ
HIN206EIAZ
-40 to 85
24 Ld SSOP
M24.209
HIN206EIAZ-T (Note 2)
HIN206EIAZ
24 Ld SSOP Tape and Reel
M24.209
HIN207ECAZ
HIN207ECAZ
0 to 70
24 Ld SSOP
M24.209
HIN207ECAZ-T (Note 2)
HIN207ECAZ
24 Ld SSOP Tape and Reel
M24.209
HIN207ECBZ
HIN207ECBZ
24 Ld SOIC
M24.3
HIN207ECBZ-T (Note 2)
HIN207ECBZ
24 Ld SOIC Tape and Reel
M24.3
HIN207EIAZ
HIN207EIAZ
-40 to 85
24 Ld SSOP
M24.209
HIN207EIAZ-T (Note 2)
HIN207EIAZ
24 Ld SSOP Tape and Reel
M24.209
HIN207EIBZ
HIN207EIBZ
24 Ld SOIC
M24.3
HIN207EIBZ-T (Note 2)
HIN207EIBZ
24 Ld SOIC Tape and Reel
M24.3
HIN208ECAZ
HIN208ECAZ
0 to 70
24 Ld SSOP
M24.209
HIN208ECAZ-T (Note 2)
HIN208ECAZ
24 Ld SSOP Tape and Reel
M24.209
HIN208ECBZ
HIN208ECBZ
24 Ld SOIC
M24.3
HIN208ECBZ-T (Note 2)
HIN208ECBZ
24 Ld SOIC Tape and Reel
M24.3
HIN208EIAZ
HIN208EIAZ
-40 to 85
24 Ld SSOP
M24.209
HIN208EIAZ-T (Note 2)
HIN208EIAZ
24 Ld SSOP Tape and Reel
M24.209
HIN208EIBZ
HIN208EIBZ
24 Ld SOIC
M24.3
HIN211ECAZ
HIN211ECAZ
0 to 70
28 Ld SSOP
M28.209
HIN211ECAZ-T (Note 2)
HIN211ECAZ
28 Ld SSOP Tape and Reel
M28.209
HIN211ECBZ
HIN211ECBZ
28 Ld SOIC
M28.3
HIN211ECBZ-T (Note 2)
HIN211ECBZ
28 Ld SOIC Tape and Reel
M28.3
HIN211EIAZ
HIN211EIAZ
-40 to 85
28 Ld SSOP
M28.209
HIN211EIAZ-T (Note 2)
HIN211EIAZ
28 Ld SSOP Tape and Reel
M28.209
HIN211EIBZ
HIN211EIBZ
28 Ld SOIC
M28.3
HIN213ECAZ
HIN213ECAZ
0 to 70
28 Ld SSOP
M28.209
HIN213ECAZ-T (Note 2)
HIN213ECAZ
28 Ld SSOP Tape and Reel
M28.209
HIN213EIAZ
HIN213EIAZ
-40 to 85
28 Ld SSOP
M28.209
HIN213EIAZ-T (Note 2)
HIN213EIAZ
28 Ld SSOP Tape and Reel
M28.209
HIN213EIBZ
HIN213EIBZ
28 Ld SOIC
M28.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com