| Zakładka z wyszukiwarką danych komponentów |
|
ADRF6518 Arkusz danych(PDF) 5 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADRF6518 Arkusz danych(HTML) 5 Page - Analog Devices |
|
5 / 39 page ![]() Data Sheet ADRF6518 Rev. A | Page 5 of 39 TIMING DIAGRAMS Figure 2. Write Mode Timing Diagram Figure 3. Read Mode Timing Diagram WRITE BIT MSB - 2 LSB + 1 LSB tDH tDS tLH tLS tPW tCLK CLK LE DATA LSB + 2 MSB – 1 MSB LSB + 3 MSB – 3 MSB – 2 NOTES 1. THE FIRST DATA BIT DETERMINES WHETHER THE PART IS WRITING TO OR READING FROM THE INTERNAL 16-BIT REGISTER. FOR A WRITE OPERATION, THE FIRST BIT SHOULD BE A LOGIC 1. THE 16-BIT WORD IS THEN REGISTERED INTO THE DATA PIN ON CONSECUTIVE RISING EDGES OF THE CLOCK. tLH tDH tDS tLS tPW tCLK DC DC READ BIT DC DC DC DC DC LSB + 1 LSB CLK LE DATA SDO tD LSB + 2 LSB + 3 MSB – 3 MSB – 2 MSB – 1 MSB DC DC NOTES 1. THE FIRST BIT DETERMINES WHETHER THE PART IS WRITING TO OR READING FROM THE INTERNAL 16-BIT REGISTER. FOR A READ OPERATION, THE FIRST BIT SHOULD BE A LOGIC 0 ON THE DATA LINE. tD SECONDS AFTER THE NEXT FALLING EDGE OF THE CLOCK, DATA ON THE SDO LINE BECOMES VALID AND IS CLOCKED OUT ON THE CONSECUTIVE RISING EDGES OF THE CLOCK |