| Zakładka z wyszukiwarką danych komponentów |
|
M41ST95WMH6 Arkusz danych(PDF) 21 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M41ST95WMH6 Arkusz danych(HTML) 21 Page - STMicroelectronics |
|
21 / 35 page ![]() 21/35 M41ST95Y*, M41ST95W Power-on Reset The M41ST95Y/W continuously monitors VCC. When VCC falls to the power fail detect trip point, the RST pulls low (open drain) and remains low on power-up for tREC after VCC passes VPFD (max). The RST pin is an open drain output and an appro- priate pull-up resistor should be chosen to control rise time. Reset Input (RSTIN1 and RSTIN2) The M41ST95Y/W provides two independent in- puts which can generate an output reset. The du- ration and function of these resets is identical to a reset generated by a power cycle. Table 7 and Fig- ure 16 illustrate the AC reset characteristics of this function. Pulses shorter than tRLRH1 and tRLRH2 will not generate a reset condition. RSTIN1 and RSTIN2 are each internally pulled up to VCC through a 100k Ω resistor. Figure 16. RSTIN1 and RSTIN2 Timing Waveforms Note: 1. Open Drain Output Table 7. Reset AC Characteristics Note: 1. Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 4.5 to 5.5V or 2.7 to 3.6V (except where noted). 2. Pulse width less than 50ns will result in no RESET (for noise immunity). 3. Pulse width less than 20ms will result in no RESET (for noise immunity). 4. Programmable (see Table 8., page 23) 5. After crystal oscillator has started Symbol Parameter(1) Min Max Unit tRLRH1 (2) RSTIN1 Low to RSTIN1 High 200 ns tRLRH2 (3) RSTIN2 Low to RSTIN2 High 100 ms tR1HRH (4) RSTIN1 High to RST High 96 98 ms tR2HRH (4,5) RSTIN2 High to RST High 96 98 ms AI03665 RSTIN2 RST (1) RSTIN1 tRLRH1 tRLRH2 tR1HRH tR2HRH |