Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M41ST95WMH6 Arkusz danych(PDF) 29 Page - STMicroelectronics

Numer części M41ST95WMH6
Szczegółowy opis  5.0 or 3.0V, 512 bit (64 bit X 8) Serial RTC (SPI) SRAM and NVRAM Supervisor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST95WMH6 Arkusz danych(HTML) 29 Page - STMicroelectronics

Back Button M41ST95WMH6 Datasheet HTML 25Page - STMicroelectronics M41ST95WMH6 Datasheet HTML 26Page - STMicroelectronics M41ST95WMH6 Datasheet HTML 27Page - STMicroelectronics M41ST95WMH6 Datasheet HTML 28Page - STMicroelectronics M41ST95WMH6 Datasheet HTML 29Page - STMicroelectronics M41ST95WMH6 Datasheet HTML 30Page - STMicroelectronics M41ST95WMH6 Datasheet HTML 31Page - STMicroelectronics M41ST95WMH6 Datasheet HTML 32Page - STMicroelectronics M41ST95WMH6 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
29/35
M41ST95Y*, M41ST95W
PACKAGE MECHANICAL INFORMATION
Figure 22. SOH28 – 28-lead Plastic Small Outline, Battery SNAPHAT, Package Outline
Note: Drawing is not to scale.
Table 15. SOH28 – 28-lead Plastic Small Outline, battery SNAPHAT, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
3.05
0.120
A1
0.05
0.36
0.002
0.014
A2
2.34
2.69
0.092
0.106
B
0.36
0.51
0.014
0.020
C
0.15
0.32
0.006
0.012
D
17.71
18.49
0.697
0.728
E
8.23
8.89
0.324
0.350
e1.27–
–
0.050
–
–
eB
3.20
3.61
0.126
0.142
H
11.51
12.70
0.453
0.500
L
0.41
1.27
0.016
0.050
α
0°
8°
0°
8°
N
28
28
CP
0.10
0.004
SOH-A
E
N
D
C
L
A1
α
1
H
A
CP
Be
A2
eB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35