Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ATC500S Arkusz danych(PDF) 3 Page - List of Unclassifed Manufacturers

Numer części ATC500S
Szczegółowy opis  Broadband Microwave Millimeter-wave 0603 NPO SMT Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

ATC500S Arkusz danych(HTML) 3 Page - List of Unclassifed Manufacturers

  ATC500S Datasheet HTML 1Page - List of Unclassifed Manufacturers ATC500S Datasheet HTML 2Page - List of Unclassifed Manufacturers ATC500S Datasheet HTML 3Page - List of Unclassifed Manufacturers ATC500S Datasheet HTML 4Page - List of Unclassifed Manufacturers ATC500S Datasheet HTML 5Page - List of Unclassifed Manufacturers ATC500S Datasheet HTML 6Page - List of Unclassifed Manufacturers ATC500S Datasheet HTML 7Page - List of Unclassifed Manufacturers ATC500S Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CAP ACIT ANCE V ALUES
ATC 500 S Broadband 0603 NPO Capacitors
CAP.
CAP.
RATED
CAP.
CAP.
RATED
CAP.
CAP.
RATED
CAP.
CAP.
RATED
CODE
(pF)
TOL.
WVDC
CODE
(pF)
TOL.
WVDC
CODE
(pF)
TOL.
WVDC
CODE
(pF)
TOL.
WVDC
0R1
0.1
1R1
1.1
3R0
3.0
6R8
6.8
0R2
0.2
1R2
1.2
3R3
3.3
7R5
7.5
0R3
0.3
1R3
1.3
3R6
3.6
8R2
8.2
0R4
0.4
1R5
1.5
3R9
3.9
9R1
9.1
0R5
0.5
1R6
1.6
4R3
4.3
100
10
0R6
0.6
1R8
1.8
4R7
4.7
0R7
0.7
2R0
2.0
5R1
5.1
0R8
0.8
2R2
2.2
5R6
5.6
0R9
0.9
2R4
2.4
6R2
6.2
1R0
1.0
2R7
2.7
A, B,
C, D
100
100
50
50
100
B, C,
D
B, C,
D
C, J,
K, M
G, J,
K, M
ATC 500 SERIES BMC PART NUMBER CODE
500
S
2R2
B
T
100
X
T
Series
Case Size
S = 0603
Capacitance Code:
Marked
First 2 significant digits for capacitance.
R = Decimal Point
WVDC
Tolerance Code
Termination
Platinum with gold flash
Packaging
T = Tape and Reel (5" Reel)
3
American Technical Ceramics • One Norden Lane, Huntington Station, N.Y. 11746-2142
phone: 631-622-4700 • fax: 631-622-4748 • e-mail: sales@atceramics.com • http://www.atceramics.com
CAPACITANCE TOLERANCE
Code
B
C
D
G
J
K
M
±20%
A
±.05 pF
Tol.
±0.1 pF
±0.25
pF
±0.5 pF ±2%
±5%
±10%
For additional information and catalogs contact your ATC
representative or call direct at (631) 622-4700.
Consult factory for additional performance data.
ATC accepts orders for our parts using designations with or without the
“ATC” prefix. Both methods of defining the part number are equivalent, i.e.,
part numbers referenced with the “ATC” prefix are interchangeable to parts
referenced without the “ATC” prefix. Customers are free to use either in
specifying or procuring parts from American Technical Ceramics.
The above part number refers to a 500S Series (case size S) 2.2 pF capacitor,
B tolerance (±0.1 pF), 100 WVDC, with marking and
5'' tape and reel packaging.



Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com