Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ATC500S Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części ATC500S
Szczegółowy opis  Broadband Microwave Millimeter-wave 0603 NPO SMT Capacitors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

ATC500S Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  ATC500S Datasheet HTML 1Page - List of Unclassifed Manufacturers ATC500S Datasheet HTML 2Page - List of Unclassifed Manufacturers ATC500S Datasheet HTML 3Page - List of Unclassifed Manufacturers ATC500S Datasheet HTML 4Page - List of Unclassifed Manufacturers ATC500S Datasheet HTML 5Page - List of Unclassifed Manufacturers ATC500S Datasheet HTML 6Page - List of Unclassifed Manufacturers ATC500S Datasheet HTML 7Page - List of Unclassifed Manufacturers ATC500S Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
one norden lane, huntington station, n.y. 11746-2142 usa
phone: 631-622-4700 • fax: 631-622-4748 • e-mail: sales@atceramics.com
http://www.atceramics.com
ATC 001-883 Rev. C; 7/00
ATC 500 Series BMC
Broadband Microwave
Millimeter-wave
0603 NPO
SMT Capacitors
• Low Insertion Loss
• Ultra High Self Resonance
• Surface Mountable
• Rugged Construction
ATC introduces the new 500 Series Broadband
Microwave Capacitor (BMC).This unique, patented
component greatly exceeds both multilayer and single
layer capacitor performance. It delivers extremely low
inser tion loss with ultra-high self resonance
performance, in a rugged, laser-marked package
compatible with automatic SMT manufacturing.
Functional applications include Broadband (Bypass,
Coupling, Feedback, Impedance Matching, D.C.
Blocking) and Tuning.
PARALLEL RESONANCE VS. CAPACITANCE
CAPACITANCE (pF)
100
0.1
1
10
10
20
40
1
(Typical)
(Typical)
SERIES RESONANCE VS. CAPACITANCE
CAPACITANCE (pF)
100
0.1
1
10
10
20
40
1


Podobny numer części - ATC500S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ATC500S ETC2-ATC500S Datasheet
288Kb / 8P
Ultra High Self Resonance
More results

Podobny opis - ATC500S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Communications & Power ...
VTA-6430A1 CPI-VTA-6430A1 Datasheet
102Kb / 2P
Millimeter Wave Coupled Cavity TWT
logo
List of Unclassifed Man...
ATC600F ETC1-ATC600F Datasheet
361Kb / 4P
Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
ATC600F ETC2-ATC600F Datasheet
191Kb / 4P
Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
ATC600L ETC2-ATC600L Datasheet
183Kb / 4P
Ultra-Low ESR, High Q, NPO RF & Microwave Capacitors
600S6R8CT250T ETC-600S6R8CT250T Datasheet
472Kb / 6P
Ultra-Low ESR, High Q, NPO RF &Microwave Capacitors
logo
Marki Microwave
MMD-2060L MARKIMICROWAVE-MMD-2060L Datasheet
450Kb / 10P
GaAs MMIC Millimeter Wave Doubler
MMD-3580L MARKIMICROWAVE-MMD-3580L Datasheet
496Kb / 10P
GaAs MMIC Millimeter Wave Doubler
logo
Knowles Electronics
P_2BN820Z5ST KNOWLES-P_2BN820Z5ST Datasheet
350Kb / 1P
BROADBAND BLOCKS - MILLI-CAP SMD MILLIMETER WAVE CAPACITOR
2017
logo
Mini-Circuits
RC-2MTS-50 MINI-RC-2MTS-50 Datasheet
832Kb / 7P
Millimeter Wave Switch Matrix
REV. A
RC-3MTS-50 MINI-RC-3MTS-50 Datasheet
852Kb / 7P
Millimeter Wave Switch Matrix
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com