| Zakładka z wyszukiwarką danych komponentów |
|
AD9544BCPZ Arkusz danych(PDF) 58 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9544BCPZ Arkusz danych(HTML) 58 Page - Analog Devices |
|
58 / 62 page ![]() AD9544 Data Sheet Rev. 0 | Page 58 of 62 DATA BIT N – 1 DATA BIT N CSB SCLK SDIO SDO tDV Figure 56. Timing Diagram for Serial Control Port Register Read—MSB First CSB SCLK DON'T CARE DON'T CARE 16-BIT INSTRUCTION HEADER REGISTER (N) DATA REGISTER (N + 1) DATA SDIO DON'T CARE DON'T CARE A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 D1 D0 R/W A14 A13 D2 D3 D4 D5 D6 D7 D0 D1 D2 D3 D4 D5 D6 D7 Figure 57. Serial Control Port Write—LSB First, Address Increment, Two Bytes of Data CS SCLK SDIO tHIGH tLOW tCLK tS tDS tDH tC BIT N BIT N + 1 Figure 58. Serial Control Port Timing—Write Table 36. Serial Control Port Timing Parameter Description tDS Setup time between data and the rising edge of SCLK tDH Hold time between data and the rising edge of SCLK tCLK Period of the clock tS Setup time between the CSB falling edge and the SCLK rising edge (start of the communication cycle) tC Setup time between the SCLK rising edge and CSB rising edge (end of the communication cycle) tHIGH Minimum period that SCLK is in a logic high state tLOW Minimum period that SCLK is in a logic low state tDV SCLK to valid SDIO (see Figure 56) |