| Zakładka z wyszukiwarką danych komponentów |
|
AD9544BCPZ Arkusz danych(PDF) 6 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9544BCPZ Arkusz danych(HTML) 6 Page - Analog Devices |
|
6 / 62 page ![]() AD9544 Data Sheet Rev. 0 | Page 6 of 62 Parameter Min Typ Max Unit Test Conditions/Comments Input Reference On/Off Differential (Normal Mode) 20 mW fREF = 19.44 MHz Differential (DC-Coupled LVDS) 21 mW fREF = 19.44 MHz Single-Ended 13 mW fREF = 19.44 MHz Output Distribution Driver On/Off At 156.25 MHz 15 mA Mode 30 mW 12 mA Mode 23 mW 7.5 mA Mode 15 mW Auxiliary DPLL On/Off 1 mW SYSTEM CLOCK INPUTS, XOA AND XOB Table 4. Parameter Min Typ Max Unit Test Conditions/Comments SYSTEM CLOCK MULTIPLIER Output Frequency Range 2250 2415 MHz The frequency range of the internal voltage controlled oscillator (VCO) places limits on the choice of the system clock input frequency Phase Frequency Detector (PFD) Rate 20 300 MHz SYSTEM CLOCK REFERENCE INPUT PATH System clock input must be ac-coupled Input Frequency Range System Clock Input Doubler Disabled 20 300 MHz Support of oven controlled crystal oscillators (OCXOs) < 20 MHz is possible using the auxiliary DPLL for system clock frequency compensation Enabled 16 150 MHz Self Biased Common-Mode Voltage 0.75 V Internally generated Input Voltage For dc-coupled, single-ended operation High 0.9 V Low 0.5 V Differential Input Voltage Sensitivity 250 mV p-p Minimum voltage swing required (as measured with a differential probe) across the XOA/XOB pins to ensure switching between logic states; the instantaneous voltage on either pin must not exceed 1.2 V; accommodate the single- ended input by ac grounding the complementary input; 800 mV p-p recommended for optimal jitter performance Slew Rate for Sinusoidal Input 50 V/µs Minimum input slew rate for device operation; oscillators with square wave outputs are recommended if not using a crystal System Clock Input Divider (J Divider) Frequency 100 MHz System Clock Input Doubler Duty Cycle Tolerable duty cycle variation on the system clock input when using the frequency doubler 20 MHz to 150 MHz 43 50 57 % 16 MHz to 20 MHz 47 50 53 % Input Resistance 5 kΩ QUARTZ CRYSTAL RESONATOR PATH Resonator Frequency Range 25 60 MHz Fundamental mode, AT cut crystal Crystal Motional Resistance 100 Ω A maximum motional resistance of 50 Ω , and maximum CLOAD of 8 pF is strongly recommended for crystals >52 MHz |