| Zakładka z wyszukiwarką danych komponentów |
|
ADS5440IPFPR Arkusz danych(PDF) 8 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADS5440IPFPR Arkusz danych(HTML) 8 Page - Texas Instruments |
|
8 / 11 page ![]() www.ti.com SINAD + 10log10 P S P N ) P D (2) THD + 10log10 P S P D (3) ADS5440 SLAS467 – JULY 2005 DEFINITION OF SPECIFICATIONS (continued) Signal-to-Noise and Distortion (SINAD) SINAD is the ratio of the power of the fundamental (PS) to the power of all the other spectral components including noise (PN) and distortion (PD), but excluding dc. SINAD is either given in units of dBc (dB to carrier) when the absolute power of the fundamental is used as the reference, or dBFS (dB to full scale) when the power of the fundamental is extrapolated to the converter’s full-scale range. Effective Resolution Bandwidth The highest input frequency where the SNR (dB) is dropped by 3 dB for a full-scale input amplitude. Total Harmonic Distortion (THD) THD is the ratio of the power of the fundamental (PS) to the power of the first five harmonics (PD). THD is typically given in units of dBc (dB to carrier). Two-Tone Intermodulation Distortion IMD3 is the ratio of the power of the fundamental (at frequencies f1, f2) to the power of the worst spectral component at either frequency 2f1– f2 or 2f2– f1). IMD3 is either given in units of dBc (dB to carrier) when the absolute power of the fundamental is used as the reference or dBFS (dB to full scale) when the power of the fundamental is extrapolated to the converter’s full-scale range. 8 |