| Zakładka z wyszukiwarką danych komponentów |
|
AM6528 Arkusz danych(PDF) 71 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6528 Arkusz danych(HTML) 71 Page - Texas Instruments |
|
71 / 299 page ![]() 71 AM6548, AM6528, AM6546 AM6526, AM6527 www.ti.com SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018 Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 Terminal Configuration and Functions Copyright © 2017–2018, Texas Instruments Incorporated Table 4-24. GPIO0 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] GPIO0_74 General Purpose Input/Output IO AG25 GPIO0_75 General Purpose Input/Output IO AG26 GPIO0_76 General Purpose Input/Output IO AH24 GPIO0_77 General Purpose Input/Output IO AH23 GPIO0_78 General Purpose Input/Output IO AG21 GPIO0_79 General Purpose Input/Output IO AH22 GPIO0_80 General Purpose Input/Output IO AE21 GPIO0_81 General Purpose Input/Output IO AC22 GPIO0_82 General Purpose Input/Output IO AG22 GPIO0_83 General Purpose Input/Output IO AD23 GPIO0_84 General Purpose Input/Output IO AE24 GPIO0_85 General Purpose Input/Output IO AF25 GPIO0_86 General Purpose Input/Output IO AF24 GPIO0_87 General Purpose Input/Output IO AC20 GPIO0_88 General Purpose Input/Output IO AE20 GPIO0_89 General Purpose Input/Output IO AF19 GPIO0_90 General Purpose Input/Output IO AH19 GPIO0_91 General Purpose Input/Output IO AG19 GPIO0_92 General Purpose Input/Output IO AE19 GPIO0_93 General Purpose Input/Output IO AE23 GPIO0_94 General Purpose Input/Output IO AD22 GPIO0_95 General Purpose Input/Output IO AC21 Table 4-25. GPIO1 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] ACD [4] GPIO1_0 General Purpose Input/Output IO AD18 GPIO1_1 General Purpose Input/Output IO AH18 GPIO1_2 General Purpose Input/Output IO D25 GPIO1_3 General Purpose Input/Output IO B26 GPIO1_4 General Purpose Input/Output IO A24 GPIO1_5 General Purpose Input/Output IO E24 GPIO1_6 General Purpose Input/Output IO A25 GPIO1_7 General Purpose Input/Output IO C26 GPIO1_8 General Purpose Input/Output IO E25 GPIO1_9 General Purpose Input/Output IO A26 GPIO1_10 General Purpose Input/Output O B25 GPIO1_11 General Purpose Input/Output IO B27 GPIO1_12 General Purpose Input/Output I C25 GPIO1_13 General Purpose Input/Output IO A23 GPIO1_14 General Purpose Input/Output IO B23 GPIO1_15 General Purpose Input/Output IO AG13 GPIO1_16 General Purpose Input/Output IO AF13 GPIO1_17 General Purpose Input/Output IO AH13 GPIO1_18 General Purpose Input/Output IO AE13 GPIO1_19 General Purpose Input/Output IO AD13 GPIO1_20 General Purpose Input/Output IO AD12 |