| Zakładka z wyszukiwarką danych komponentów |
|
AM6528 Arkusz danych(PDF) 73 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
AM6528 Arkusz danych(HTML) 73 Page - Texas Instruments |
|
73 / 299 page ![]() 73 AM6548, AM6528, AM6546 AM6526, AM6527 www.ti.com SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018 Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 Terminal Configuration and Functions Copyright © 2017–2018, Texas Instruments Incorporated Table 4-25. GPIO1 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] ACD [4] GPIO1_68 General Purpose Input/Output IO W26 GPIO1_69 General Purpose Input/Output IO AE26 GPIO1_70 General Purpose Input/Output IO AE28 GPIO1_71 General Purpose Input/Output IO AD9 GPIO1_72 General Purpose Input/Output IO AC8 GPIO1_73 General Purpose Input/Output IO D27 GPIO1_74 General Purpose Input/Output IO D26 GPIO1_75 General Purpose Input/Output IO E27 GPIO1_76 General Purpose Input/Output IO D28 GPIO1_77 General Purpose Input/Output O C27 GPIO1_78 General Purpose Input/Output IO C28 GPIO1_79 General Purpose Input/Output IO B24 GPIO1_80 General Purpose Input/Output IO C24 GPIO1_86 General Purpose Input/Output IO D21 GPIO1_87 General Purpose Input/Output IO A22 GPIO1_88 General Purpose Input/Output IO B22 GPIO1_89 General Purpose Input/Output IO C23 4.3.10.2 WKUP Domain Table 4-26. GPIO0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] WKUP_GPIO0_0 General Purpose Input/Output IO AF4 WKUP_GPIO0_1 General Purpose Input/Output IO AF3 WKUP_GPIO0_2 General Purpose Input/Output IO AE3 WKUP_GPIO0_3 General Purpose Input/Output IO AD1 WKUP_GPIO0_4 General Purpose Input/Output IO AC3 WKUP_GPIO0_5 General Purpose Input/Output IO AD3 WKUP_GPIO0_6 General Purpose Input/Output IO AC2 WKUP_GPIO0_7 General Purpose Input/Output IO AC1 WKUP_GPIO0_8 General Purpose Input/Output IO AC5 WKUP_GPIO0_9 General Purpose Input/Output IO AB4 WKUP_GPIO0_10 General Purpose Input/Output IO AB3 WKUP_GPIO0_11 General Purpose Input/Output IO AB2 WKUP_GPIO0_12 General Purpose Input/Output IO V1 WKUP_GPIO0_13 General Purpose Input/Output IO U1 WKUP_GPIO0_14 General Purpose Input/Output IO U2 WKUP_GPIO0_15 General Purpose Input/Output IO U4 WKUP_GPIO0_16 General Purpose Input/Output IO U5 WKUP_GPIO0_17 General Purpose Input/Output IO T2 WKUP_GPIO0_18 General Purpose Input/Output IO T3 WKUP_GPIO0_19 General Purpose Input/Output IO T4 WKUP_GPIO0_20 General Purpose Input/Output IO T5 WKUP_GPIO0_21 General Purpose Input/Output IO R2 WKUP_GPIO0_22 General Purpose Input/Output IO R3 WKUP_GPIO0_23 General Purpose Input/Output IO R4 |