| Zakładka z wyszukiwarką danych komponentów |
|
AM6527 Arkusz danych(PDF) 80 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM6527 Arkusz danych(HTML) 80 Page - Texas Instruments |
|
80 / 299 page ![]() 80 AM6548, AM6528, AM6546 AM6526, AM6527 SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018 www.ti.com Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 Terminal Configuration and Functions Copyright © 2017–2018, Texas Instruments Incorporated Table 4-39. MCASP2 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] MCASP2_ACLKR MCASP Receive Bit Clock IO AE27 MCASP2_ACLKX MCASP Transmit Bit Clock IO W26 MCASP2_AFSR MCASP Receive Frame Sync IO AD24 MCASP2_AFSX MCASP Transmit Frame Sync IO Y26 MCASP2_AHCLKR MCASP Receive Master Clock IO V25 MCASP2_AHCLKX MCASP Transmit Master Clock IO U24 MCASP2_AXR0 MCASP Serial Data (Input/Output) IO AC24 MCASP2_AXR1 MCASP Serial Data (Input/Output) IO Y27 MCASP2_AXR2 MCASP Serial Data (Input/Output) IO AE26 MCASP2_AXR3 MCASP Serial Data (Input/Output) IO AE28 4.3.16 MCSPI 4.3.16.1 MAIN Domain Table 4-40. MCSPI0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] SPI0_CLK SPI Clock IO AH13 SPI0_CS0 SPI Chip Select 0 IO AG13 SPI0_CS1 SPI Chip Select 1 IO AF13 SPI0_CS2 SPI Chip Select 2 IO AG11 SPI0_CS3 SPI Chip Select 3 IO AD11 SPI0_D0 SPI Data 0 IO AE13 SPI0_D1 SPI Data 1 IO AD13 Table 4-41. MCSPI1 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] SPI1_CLK SPI Clock IO AH12 SPI1_CS0 SPI Chip Select 0 IO AD12 SPI1_CS1 SPI Chip Select 1 IO AG12 SPI1_CS2 SPI Chip Select 2 IO AD18 SPI1_CS3 SPI Chip Select 3 IO AH18 SPI1_D0 SPI Data 0 IO AE12 SPI1_D1 SPI Data 1 IO AF12 Table 4-42. MCSPI2 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] SPI2_CLK SPI Clock IO AE23 SPI2_CS0 SPI Chip Select 0 IO AD23 SPI2_CS1 SPI Chip Select 1 IO AF26 SPI2_CS2 SPI Chip Select 2 IO AH25 SPI2_CS3 SPI Chip Select 3 IO AF24 SPI2_D0 SPI Data 0 IO AD22 SPI2_D1 SPI Data 1 IO AC21 |