| Zakładka z wyszukiwarką danych komponentów |
|
AM6527 Arkusz danych(PDF) 91 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM6527 Arkusz danych(HTML) 91 Page - Texas Instruments |
|
91 / 299 page ![]() 91 AM6548, AM6528, AM6546 AM6526, AM6527 www.ti.com SPRSP08E – NOVEMBER 2017 – REVISED OCTOBER 2018 Submit Documentation Feedback Product Folder Links: AM6548 AM6528 AM6546 AM6526 AM6527 Terminal Configuration and Functions Copyright © 2017–2018, Texas Instruments Incorporated Table 4-53. PRU-ICSSG1 Signal Descriptions (continued) SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] PRG1_RGMII2_RD2 PRU_ICSSG RGMII Receive Data I AG21 PRG1_RGMII2_RD3 PRU_ICSSG RGMII Receive Data I AH22 PRG1_RGMII2_TD0 PRU_ICSSG RGMII Transmit Data O AE20 PRG1_RGMII2_TD1 PRU_ICSSG RGMII Transmit Data O AF19 PRG1_RGMII2_TD2 PRU_ICSSG RGMII Transmit Data O AH19 PRG1_RGMII2_TD3 PRU_ICSSG RGMII Transmit Data O AG19 PRG1_UART0_CTSn PRU-ICSSG UART Clear to Send (active low) I AF26 PRG1_UART0_RTSn PRU-ICSSG UART Request to Send (active low) O AH25 PRG1_UART0_RXD PRU-ICSSG UART Receive Data I AF25 PRG1_UART0_TXD PRU-ICSSG UART Transmit Data O AF24 Table 4-54. PRU-ICSSG2 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] PRG2_ECAP0_IN_APWM_OUT PRU-ICSSG Enhanced Capture (ECAP) Input or Auxiliary PWM (APWM) Ouput IO AE16 PRG2_ECAP0_SYNC_IN PRU-ICSSG ECAP Sync Input I AD14 PRG2_ECAP0_SYNC_OUT PRU-ICSSG ECAP Sync Output O AG14 PRG2_IEP0_EDIO_OUTVALID PRU_ICSSG Industrial Ethernet Digital I/O Outvalid O A23 PRG2_IEP0_EDC_LATCH_IN0 PRU_ICSSG Industrial Ethernet Distributed Clock Latch Input I AD12 PRG2_IEP0_EDC_LATCH_IN1 PRU_ICSSG Industrial Ethernet Distributed Clock Latch Input I AE12 PRG2_IEP0_EDC_SYNC_OUT0 PRU_ICSSG Industrial Ethernet Distributed Clock Sync Output O AH12 PRG2_IEP0_EDC_SYNC_OUT1 PRU_ICSSG Industrial Ethernet Distributed Clock Sync Output O AF12 PRG2_IEP0_EDIO_DATA_IN_OUT28 PRU_ICSSG Industrial Ethernet Digital I/O Data Input/Output IO R23 PRG2_IEP0_EDIO_DATA_IN_OUT29 PRU_ICSSG Industrial Ethernet Digital I/O Data Input/Output IO T24 PRG2_IEP0_EDIO_DATA_IN_OUT30 PRU_ICSSG Industrial Ethernet Digital I/O Data Input/Output IO R25 PRG2_IEP0_EDIO_DATA_IN_OUT31 PRU_ICSSG Industrial Ethernet Digital I/O Data Input/Output IO T27 PRG2_IEP1_EDC_LATCH_IN0 PRU_ICSSG Industrial Ethernet Distributed Clock Latch Input I R23 PRG2_IEP1_EDC_LATCH_IN1 PRU_ICSSG Industrial Ethernet Distributed Clock Latch Input I R25 PRG2_IEP1_EDC_SYNC_OUT0 PRU_ICSSG Industrial Ethernet Distributed Clock Sync Output O T24 PRG2_IEP1_EDC_SYNC_OUT1 PRU_ICSSG Industrial Ethernet Distributed Clock Sync Output O T27 PRG2_MDIO0_MDC PRU-ICSSG MDIO Clock O AE15 PRG2_MDIO0_MDIO PRU-ICSSG MDIO Data IO AC19 PRG2_PRU0_GPI0 PRU-ICSSG PRU Data Input I AF18 PRG2_PRU0_GPI1 PRU-ICSSG PRU Data Input I AE18 PRG2_PRU0_GPI2 PRU-ICSSG PRU Data Input I AH17 PRG2_PRU0_GPI3 PRU-ICSSG PRU Data Input I AG18 PRG2_PRU0_GPI4 PRU-ICSSG PRU Data Input I AG17 PRG2_PRU0_GPI5 PRU-ICSSG PRU Data Input I AF17 |