| Zakładka z wyszukiwarką danych komponentów |
|
TUSB5052 Arkusz danych(PDF) 52 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TUSB5052 Arkusz danych(HTML) 52 Page - Texas Instruments |
|
52 / 84 page ![]() 7–4 7.1.5 Transmitter Flow Control On reset (power-up, USB or soft-reset) the transmitter defaults to the Xon state and the flow control is set to mode-0 (flow control is disabled). Table 7–2. Transmitter Flow-Control Modes MODE 3 2 1 0 MODE DSR CTS TXOA TXOF 0 All flow control is disabled 0 0 0 0 1 Xon/Xoff flow control is enabled 0 0 0 1 2 Xon on any/ Xoff flow control 0 0 1 0 3 Not permissible. (see Note 1) X X 1 1 4 CTS flow control 0 1 0 0 5 Combination flow control (see Note 2) 0 1 0 1 6 Combination flow control 0 1 1 0 8 DSR flow control 1 0 0 0 9-E Combination flow control NOTES: 1. This is a nonpermissible combination. If used, TXOA and TXOF are cleared. 2. Combination example: Transmitter stops when either CTS or Xoff is detected. Transmitter resumes when both CTS is negated and Xon is detected. Table 7–3. Receiver Flow-Control Possibilities MODE 6 5 4 MODE CTS TXOA TXOF 0 All flow control is disabled 0 0 0 1 Xon/Xoff flow control is enabled 0 0 1 2 RTS flow control 0 1 0 3 Combination flow control (see Note 3) 0 1 1 4 DTR flow control 1 0 0 5 Combination flow control 1 0 1 6 Combination flow control (see Note 4) 1 1 0 7 Combination flow control 1 1 1 NOTES: 3. Combination example: Both TRS is asserted and Xoff transmitted when FIFO is full. Both TRS is deasserted and Xon is transmitted when FIFO is empty. 4. Combination example: Both DTR and RTS are asserted when FIFO is full. Both DTR and RTS are deasserted when FIFO is empty. |