Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5541A Arkusz danych(PDF) 14 Page - Analog Devices

Numer części AD5541A
Szczegółowy opis  Serial-Input, Voltage Output, Unbuffered 16-Bit DAC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5541A Arkusz danych(HTML) 14 Page - Analog Devices

Back Button AD5541A Datasheet HTML 10Page - Analog Devices AD5541A Datasheet HTML 11Page - Analog Devices AD5541A Datasheet HTML 12Page - Analog Devices AD5541A Datasheet HTML 13Page - Analog Devices AD5541A Datasheet HTML 14Page - Analog Devices AD5541A Datasheet HTML 15Page - Analog Devices AD5541A Datasheet HTML 16Page - Analog Devices AD5541A Datasheet HTML 17Page - Analog Devices AD5541A Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
AD5541A
Data Sheet
Rev. B | Page 14 of 20
THEORY OF OPERATION
The AD5541A is a single, 16-bit, serial input, voltage output
DAC. It operates from a single supply ranging from 2.7 V to 5 V
and consumes typically 125 µA with a supply of 5 V. Data is written
to these devices in a 16-bit word format, via a 3- or 4-wire serial
interface. To ensure a known power-up state, this part is designed
with a power-on reset function. The output is reset to 0 V.
DIGITAL-TO-ANALOG SECTION
The DAC architecture consists of two matched DAC sections.
A simplified circuit diagram is shown in Figure 30. The DAC
architecture of the AD5541A is segmented. The four MSBs of
the 16-bit data-word are decoded to drive 15 switches, E1 to
E15. Each switch connects one of 15 matched resistors to either
AGND or VREF. The remaining 12 bits of the data-word drive
the S0 to S11 switches of a 12-bit voltage mode R-2R ladder
network.
2R . . . . .
S1 . . . . .
2R
S11
2R
E1
2R . . . . .
E2 . . . . .
2R
2R
S0
2R
E15
R
R
VREF
VOUT
12-BIT R-2R LADDER
FOUR MSBs DECODED
INTO 15 EQUAL SEGMENTS
Figure 30. DAC Architecture
With this type of DAC configuration, the output impedance is
independent of code, whereas the input impedance seen by the
reference is heavily code dependent. The output voltage is
dependent on the reference voltage, as shown in the following
equation:
N
REF
OUT
D
V
V
2
×
=
where:
D is the decimal data-word loaded to the DAC register.
N is the resolution of the DAC.
For a reference of 2.5 V, the equation simplifies to the following:
536
,
65
5
.
2
D
VOUT
×
=
This gives a VOUT of 1.25 V with midscale loaded and 2.5 V with
full scale loaded to the DAC.
The LSB size is VREF/65,536.
SERIAL INTERFACE
The AD5541A is controlled by a versatile 3- or 4-wire serial
interface that operates at clock rates of up to 50 MHz and is
compatible with SPI, QSPI, MICROWIRE, and DSP interface
standards. The timing diagram is shown in Figure 3. The
AD5541A has a separate serial input register from the 16-bit
DAC register that allows preloading of a new data value into the
serial input register without disturbing the present DAC output
voltage.
Input data is framed by the chip select input, CS. After a high-
to-low transition on CS, data is shifted synchronously and
latched into the serial input register on the rising edge of the
serial clock, SCLK. After 16 data bits have been loaded into the
serial input register, a low-to-high transition on CS transfers the
contents of the shift register to the DAC register if LDAC is held
low. If LDAC is high at this point, a low-to-high transition on
CS transfers the contents into the serial input register only.
After a new value is fully loaded in the serial input register, it
can be asynchronously transferred to the DAC register by
strobing the LDAC pin. Data is loaded MSB first in 16-bit
words. Data can be loaded to the part only while CS is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com