Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MP02750 Arkusz danych(PDF) 1 Page - Golledge Electronics Ltd

Numer części MP02750
Szczegółowy opis  SAW Filter 781.5 MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GOLLEDGE [Golledge Electronics Ltd]
Strona internetowa  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP02750 Arkusz danych(HTML) 1 Page - Golledge Electronics Ltd

  MP02750 Datasheet HTML 1Page - Golledge Electronics Ltd MP02750 Datasheet HTML 2Page - Golledge Electronics Ltd MP02750 Datasheet HTML 3Page - Golledge Electronics Ltd MP02750 Datasheet HTML 4Page - Golledge Electronics Ltd MP02750 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 781.5 MHz
Model: TA1017A
Part No: MP02750
REV. NO: 1
TA1017A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage: 3V
3. Operating Temperature: -30°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Note
Center Frequency Fc
MHz
-
781.5
-
-
Insertion loss (775~788 MHz) IL
dB
-
1.8
4
-
Bandwidth
MHz
13
28
-
-
Amplitude Ripple (775 ~ 788 MHz)
dB
-
0.3
1
-
Attenuation (Reference level from 0 dB)
300 ~ 700 MHz
dB
28
59
-
-
728 ~ 757 MHz
dB
10
48
-
-
880 ~ 1050 MHz
dB
28
62
-
-
Temperature Coefficient of Frequency
Ppm/°C
-
-36
-
-
C. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
2
6
1,3,4,5,7,8


Podobny numer części - MP02750

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Golledge Electronics Lt...
MP02751 GOLLEDGE-MP02751 Datasheet
206Kb / 6P
SAW Filter 325MHz
MP02757 GOLLEDGE-MP02757 Datasheet
112Kb / 6P
SAW Filter 1232.0MHz
More results

Podobny opis - MP02750

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1017A TAI-SAW-TA1017A Datasheet
372Kb / 6P
SAW Filter 781.5 MHz
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
240 MHz SAW Filter 240 MHz SAW Filter
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
TriQuint Semiconductor
856764 TRIQUINT-856764_15 Datasheet
411Kb / 6P
781.5 MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1239A TAI-SAW-TA1239A Datasheet
459Kb / 6P
SAW Filter 781.5 MHz
TA1609A TAI-SAW-TA1609A Datasheet
198Kb / 6P
SAW Filter 781.5 MHz
TA1017B TAI-SAW-TA1017B Datasheet
402Kb / 6P
SAW Filter 781.5 MHz
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com