Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAS6279D8WAB05 Arkusz danych(PDF) 5 Page - Micro Analog systems

Numer części MAS6279D8WAB05
Szczegółowy opis  IC FOR 5.00 ??64.00 MHz VCTCXO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAS [Micro Analog systems]
Strona internetowa  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6279D8WAB05 Arkusz danych(HTML) 5 Page - Micro Analog systems

  MAS6279D8WAB05 Datasheet HTML 1Page - Micro Analog systems MAS6279D8WAB05 Datasheet HTML 2Page - Micro Analog systems MAS6279D8WAB05 Datasheet HTML 3Page - Micro Analog systems MAS6279D8WAB05 Datasheet HTML 4Page - Micro Analog systems MAS6279D8WAB05 Datasheet HTML 5Page - Micro Analog systems MAS6279D8WAB05 Datasheet HTML 6Page - Micro Analog systems MAS6279D8WAB05 Datasheet HTML 7Page - Micro Analog systems MAS6279D8WAB05 Datasheet HTML 8Page - Micro Analog systems MAS6279D8WAB05 Datasheet HTML 9Page - Micro Analog systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
DA6279D8.001
26 September 2017
5 (12)
ELECTRICAL CHARACTERISTICS
TA = -40
oC to +85oC, VDD = 2.6V to 3.6V, Typ TA = 25oC, Typ VDD = 3.3 V, Typ VC = 1.65 V, fXTAL = 26MHz unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Note
Phase Noise
φn CLIPPED SINEWAVE
@ 1Hz
@ 10Hz
@ 100Hz
@ 1kHz
@ 10kHz
@ 100kHz
-57
-83
-113
-138
-148
-152
dBc/Hz
1)
φn CMOS
@ 1Hz
@ 10Hz
@ 100Hz
@ 1kHz
@ 10kHz
@ 100kHz
-62
-82
-113
-139
-149
-153
dBc/Hz
1)
φn CLIPPED SINEWAVE + DIVIDER
@ 1Hz
@ 10Hz
@ 100Hz
@ 1kHz
@ 10kHz
@ 100kHz
-56
-88
-118
-135
-145
-151
dBc/Hz
1)
φn CMOS + DIVIDER
@ 1Hz
@ 10Hz
@ 100Hz
@ 1kHz
@ 10kHz
@ 100kHz
-62
-89
-119
-135
-146
-152
dBc/Hz
1)
Note 1: Not measured in production testing
Figure 2. Phase noise with 26MHz crystal at clipped sinewave / CMOS output and without / with divider
-160
-150
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
1
10
100
1000
10000
100000
1000000
Offset [Hz]
PHASE NOISE (fXTAL=26MHz)
CLIPPED SINE WAVE
CMOS
CLIPPED SINE WAVE WITH DIVIDER
CMOS WITH DIVIDER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com