Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAS6279D8WAB05 Arkusz danych(PDF) 10 Page - Micro Analog systems

Numer części MAS6279D8WAB05
Szczegółowy opis  IC FOR 5.00 ??64.00 MHz VCTCXO
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAS [Micro Analog systems]
Strona internetowa  http://www.mas-oy.com
Logo MAS - Micro Analog systems

MAS6279D8WAB05 Arkusz danych(HTML) 10 Page - Micro Analog systems

Back Button MAS6279D8WAB05 Datasheet HTML 4Page - Micro Analog systems MAS6279D8WAB05 Datasheet HTML 5Page - Micro Analog systems MAS6279D8WAB05 Datasheet HTML 6Page - Micro Analog systems MAS6279D8WAB05 Datasheet HTML 7Page - Micro Analog systems MAS6279D8WAB05 Datasheet HTML 8Page - Micro Analog systems MAS6279D8WAB05 Datasheet HTML 9Page - Micro Analog systems MAS6279D8WAB05 Datasheet HTML 10Page - Micro Analog systems MAS6279D8WAB05 Datasheet HTML 11Page - Micro Analog systems MAS6279D8WAB05 Datasheet HTML 12Page - Micro Analog systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
DA6279D8.001
26 September 2017
10 (12)
3000 Components on Each Reel
Reel Material: Conductive, Plastic Antistatic or Static Dissipative
Carrier Tape Material: Conductive
Cover Tape Material: Static Dissipative
D
A
B
C
N
W
1
W
2
Tape Slot for Tape Start
Components
Trailer
Leader
Carrier Tape
Cover Tape
Start
End
REEL SPECIFICATIONS
Dimension
Min
Max
Unit
A
330
mm
B
1.5
mm
C
12.80
13.50
mm
D
20.2
mm
N
100
mm
W1 (measured at hub)
12.4
14.4
mm
W2 (measured at hub)
18.4
mm
Trailer
160
mm
Leader
390,
of which minimum 160 mm of
empty carrier tape sealed with
cover tape
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com