| Zakładka z wyszukiwarką danych komponentów |
|
K-MD2-RFB-01F-01 Arkusz danych(PDF) 18 Page - RFbeam Microwave GmbH |
|
|
|||||||||||||||||||||||||||||
K-MD2-RFB-01F-01 Arkusz danych(HTML) 18 Page - RFbeam Microwave GmbH |
|
18 / 23 page ![]() © RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen | www.rfbeam.ch | K-MD2 Engineering Sample | data sheet 07/2018 – Revision A | Page 18/23 Messages This chapter provides detailed information about the messages of the K-MD2. Header Payload Length Description Payload DONE 0 Frame done – RADC 786432 Raw ADC values Description: Datatype Length RX1: Chirp 0: Sample 0-255: I-Channel, Q-Channel … to Chirp 255: Samples 0-255: I-Channel, Q-Channel UINT16 262144 RX2: Chirp 0: Sample 0-255: I-Channel, Q-Channel … to Chirp 255: Samples 0-255: I-Channel, Q-Channel UINT16 262144 RX3: Chirp 0: Sample 0-255: I-Channel, Q-Channel … to Chirp 255: Samples 0-255: I-Channel, Q-Channel UINT16 262144 RMRD 262144 Mean range-doppler map. Averaged magni- tudes of all three RX antennas. Description: Datatype Length Range 0: Speed 0-255 … to Range 255: Speed 0-255 UINT32 262144 PDAT 0-2400 The array of detected raw targets Description: Datatype Length Range bin of mean range-doppler map [bin] UINT16 2 Speed bin of mean range-doppler map [bin] UINT16 2 Azimuth direction [° x 100] INT16 2 Elevation direction [° x 100] INT16 2 Magnitude of peak UINT16 2 Reserved, Used internally UINT16 2 TDAT 0-8800 The array of tracked targets Description: Datatype Length Identification number of track INT32 4 Life [frame] INT32 4 Range bin of mean range-doppler map [bin] FLOAT 4 Speed bin of mean range-doppler map [bin] FLOAT 4 Doppler acceleration [bin/frame] FLOAT 4 Azimuth direction [°] FLOAT 4 Reserved, Used internally FLOAT 4 Elevation direction [°] FLOAT 4 Number of micro doppler peaks FLOAT 4 Magnitude of peak FLOAT 4 Reserved, Used internally FLOAT 4 RPRM 12 Radar parameter structure Description: Datatype Length Radar initial delay [clk] UINT16 2 Radar start frequency [MHz] UINT16 2 Radar bandwidth [MHz] UINT16 2 Radar receiver gain [dB] UINT16 2 Reserved, Used internally UINT16 2 Reserved, Used internally UINT16 2 |