| Zakładka z wyszukiwarką danych komponentów |
|
K-MD2-RFB-01F-01 Arkusz danych(PDF) 19 Page - RFbeam Microwave GmbH |
|
|
|||||||||||||||||||||||||||||
K-MD2-RFB-01F-01 Arkusz danych(HTML) 19 Page - RFbeam Microwave GmbH |
|
19 / 23 page ![]() © RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen | www.rfbeam.ch | K-MD2 Engineering Sample | data sheet 07/2018 – Revision A | Page 19/23 Header Payload Length Description Payload PPRM 56 Processor parameter structure Description: Datatype Length Processor peak detection threshold UINT32 4 Reserved, Used internally UINT32 4 Processor maximum number of peaks UINT16 2 Processor background update rate UINT16 2 Processor range compensation for threshold FLOAT 4 Processor peak detection minimum range [bin] UINT16 2 Processor peak detection maximum range [bin] UINT16 2 Processor peak detection minimum speed [bin] UINT16 2 Processor peak detection maximum speed [bin] UINT16 2 Processor smooth mean range-doppler map 0x00 = Off 0x01 = On UINT16 2 Reserved, Used internally UINT16 2 Processor maximum number of tracks to report UINT16 2 Processor maximum range jitter [bin] UINT16 2 Processor maximum speed jitter [bin] UINT16 2 Processor minimum track life [frame] UINT16 2 Processor maximum track life [frame] UINT16 2 Direction error threshold [° x 100] INT16 2 Processor length of history for tracking [frame] UINT16 2 Processor report stationary objects 0x00 = Off 0x01 = On UINT16 2 Processor assume constant speed for tracking 0x00 = Off 0x01 = On UINT16 2 Reserved, Used internally UINT16 2 Range scaling factor [m] FLOAT 4 Speed scaling factor [m/s] FLOAT 4 GBYE 0 Indicates that the sensor server exits – Table 11: Application messages |