Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P2206BTF Arkusz danych(PDF) 4 Page - NIKO SEMICONDUCTOR CO., LTD.

Numer części P2206BTF
Szczegółowy opis  N-Channel Enhancement Mode Field Effect Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NIKOSEM [NIKO SEMICONDUCTOR CO., LTD.]
Strona internetowa  http://www.niko-sem.com
Logo NIKOSEM - NIKO SEMICONDUCTOR CO., LTD.

P2206BTF Arkusz danych(HTML) 4 Page - NIKO SEMICONDUCTOR CO., LTD.

  P2206BTF Datasheet HTML 1Page - NIKO SEMICONDUCTOR CO., LTD. P2206BTF Datasheet HTML 2Page - NIKO SEMICONDUCTOR CO., LTD. P2206BTF Datasheet HTML 3Page - NIKO SEMICONDUCTOR CO., LTD. P2206BTF Datasheet HTML 4Page - NIKO SEMICONDUCTOR CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
REV 1.0
4
F-06-5
N-Channel Enhancement Mode
Field Effect Transistor
P2206BTF
TO-220F
Halogen-Free & Lead-Free
NIKO-SEM
On-Resistance VS Temperature
TJ , Junction Temperature(
˚C)
Source-Drain Diode Forward Voltage
Safe Operating Area
Single Pulse Maximum Power Dissipation
Single Pulse Time(s)
VDS, Drain-To-Source Voltage(V)
Transient Thermal Response Curve
T1 , Square Wave Pulse Duration[sec]
VSD, Source-To-Drain Voltage(V)
0
50
100
150
200
250
300
0.001
0.01
0.1
1
10
100
Single Pulse
R
θJC = 3.2˚C/W
TC=25
˚C
DC
100ms
10ms
1ms
0.1
1
10
100
1000
1
10
100
NOTE :
1.VGS= 10V
2.TC=25
˚C
3.R
θJC = 3.2˚C/W
4.Single Pulse
Operation in This Area
is Limited by RDS(ON)
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
-50
-25
0
25
50
75
100
125
150
VGS=10V
ID=20A
25℃
150℃
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
single pulse
Duty cycle=0.5
0.2
0.1
0.05
0.02
0.01
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
100
Notes
1.Duty cycle, D= t1 / t2
2.RthJC = 3.2 ℃/W
3.TJ-TC = P*RthJC(t)
4.RthJC(t) = r(t)*RthJC



Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com