Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

US2F Arkusz danych(PDF) 1 Page - Anova Technologies CO., LTD.

Numer części US2F
Szczegółowy opis  Surface Mount High Efficiency Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ANOVA [Anova Technologies CO., LTD.]
Strona internetowa  https://www.anova-semi.com/index_en.php
Logo ANOVA - Anova Technologies CO., LTD.

US2F Arkusz danych(HTML) 1 Page - Anova Technologies CO., LTD.

  US2F Datasheet HTML 1Page - Anova Technologies CO., LTD. US2F Datasheet HTML 2Page - Anova Technologies CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US2A-US2M
www.anova-semi.com
Revision: A
Jun-25-2010
P. 1
Reverse Voltage: 50 to 1000 V
Surface Mount
Forward Current: 2 A
●
●
●
●
●
●
●
●
●
●
●
●
Symbol US2A US2B US2D US2F US2G US2J US2K US2M Unit
VB
50
100
200
300
400
600
800
1000
V
VR
35
70
140
210
280
420
560
700
V
VDC
50
100
200
300
400
600
800
1000
V
IF
A
VF
1.0
V
IR
μA
Trr
ns
TJ, TSTG
℃
Note:
(1)Reverse recovery test conditions: IF=0.5A,IR=1.0A,IRR=0.25A(RG1 circuit)
High current capability
High reliability
High surge current capability
High Efficiency Rectifiers
Features
SMB/ DO-214AA
Glass passivated chip
Low forward voltage
High speed switching
RoHS compliant
Mechanical Data
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Solderable per MIL-STD-750,
method 2026
Polarity: Color band denotes cathode end
Mounting position: Any
Maximum Ratings And Electrical Characteristics
(TA=25℃ unless otherwise noted)
Parameter
Maximum repetitive peak
reverse voltage @ IT = 5μA
Maximum RMS voltage
Maximum DC blocking
voltage
Maximum average forward
rectified current @TA = 25℃
2.0
Maximum instantaneous forward
voltage at specified current
1.0
1.7
Maximum DC reverse current
5.0
Maximum reverse recovery
time(1)
50
75
Oprating and storage
temperature range
-55 ~ 150
0.148 [3.75]
0.130 [3.30]
0.191 [4.85]
0.171 [4.35]
0.087 [2.20]
0.078 [1.96]
0.096 [2.44]
0.084 [2.13]
0.012 [0.30]
0.006 [0.15]
0.059 [1.51]
0.030 [0.75]
0.008 [0.20]
0
[0.00]
0.217 [5.50]
0.201 [5.10]


Podobny numer części - US2F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PACELEADER INDUSTRIAL
US2F PACELEADER-US2F Datasheet
158Kb / 2P
SURFACE MOUNT REVERSE voltage
US2FA PACELEADER-US2FA Datasheet
158Kb / 2P
SURFACE MOUNT REVERSE VOLTAGE 50 TO 1000 VOLTS
logo
ON Semiconductor
US2FA ONSEMI-US2FA Datasheet
246Kb / 5P
Super Fast Surface Mount Rectifiers
February, 2021 ??Rev. 4
US2FA ONSEMI-US2FA Datasheet
235Kb / 5P
Super Fast Surface Mount Rectifiers
June, 2024 - Rev. 5
More results

Podobny opis - US2F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Taychipst Elec...
UF2A TAYCHIPST-UF2A Datasheet
1Mb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
UF3A TAYCHIPST-UF3A Datasheet
2Mb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
US2A TAYCHIPST-US2A Datasheet
1Mb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
UF1A_SMA TAYCHIPST-UF1A_SMA Datasheet
1Mb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
UF1A_SMB TAYCHIPST-UF1A_SMB Datasheet
1Mb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
logo
MAKO SEMICONDUCTOR CO.,...
US2A MAKOSEMI-US2A Datasheet
501Kb / 2P
SURFACE MOUNT HIGH EFFICIENCY RECTIFIERS
logo
Anova Technologies CO.,...
US1A ANOVA-US1A Datasheet
258Kb / 2P
Surface Mount High Efficiency Rectifiers
US3A ANOVA-US3A Datasheet
288Kb / 2P
Surface Mount High Efficiency Rectifiers
US15A ANOVA-US15A Datasheet
260Kb / 2P
Surface Mount High Efficiency Rectifiers
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com