Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

US2F Arkusz danych(PDF) 2 Page - Anova Technologies CO., LTD.

Numer części US2F
Szczegółowy opis  Surface Mount High Efficiency Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ANOVA [Anova Technologies CO., LTD.]
Strona internetowa  https://www.anova-semi.com/index_en.php
Logo ANOVA - Anova Technologies CO., LTD.

US2F Arkusz danych(HTML) 2 Page - Anova Technologies CO., LTD.

  US2F Datasheet HTML 1Page - Anova Technologies CO., LTD. US2F Datasheet HTML 2Page - Anova Technologies CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US2A-US2M
www.anova-semi.com
Revision: A
Jun-25-2010
P. 2
AMBIENT TEMPERATURE , (℃)
AVERAGE FORWARD CURRENT, (A)
20
2
55
2
1
60
150
0
2
48
5
34
10
25
20
18
50
11
100
8
Fig. 1 - Forward Current Derating Curve
0.7
0.01
0.76
0.01
0.85
0.01
1
57
1
27
0.7
0.06
0.8
0.035
0.9
0.025
2
35
2
17
0.8
0.5
0.9
0.2
1
0.12
5
21
5
10.5
0.9
1.1
1
0.82
1.1
0.35
10
16
10
8
0.9
2
1.1
2
1.3
1.25
20
14
20
7
1
4.7
1.3
6
1.45
2.2
50
13
50
6.4
1.2
10
1.48
10
1.6
3
100
12.8
100
6.2
Fig. 3 - Typical Forward Characteristics
Ratings and Characteristics Curves (TA=25℃ unless otherwise noted)
Fig. 2 - Peak Forward Surge Current
Fig.4 - Typical Junction Capacitance
0.0
0.4
0.8
1.2
1.6
2.0
20
40
60
80
100
120
140
160
Ambient Temperature , (℃)
Single phase half wave
resistive or inductive load
0
10
20
30
40
50
60
1
10
100
Number of Cycles at 60 Hz
Pulse width 8.3 ms
single half-sine-wave
0.01
0.1
1
10
0.6
0.8
1
1.2
1.4
1.6
Instantaneous Forward Voltage , (V)
US2A to US2F
US2J to US2M
US2G
TJ = 25℃
Pulse width = 300us
1
10
100
1
10
100
Reverse Voltage , (V)
US2A to US2G
US2J to US2M
TJ= 25℃
f = 1MHz



Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com