| Zakładka z wyszukiwarką danych komponentów |
|
MPC885 Arkusz danych(PDF) 4 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC885 Arkusz danych(HTML) 4 Page - Freescale Semiconductor, Inc |
|
4 / 92 page ![]() MPC885/MPC880 Hardware Specifications, Rev. 3 4 Freescale Semiconductor Features — Advanced encryption standard unit (AESU) – Implements the Rinjdael symmetric key cipher – ECB, CBC, and counter modes – 128-, 192-, and 256- bit key lengths — Message digest execution unit (MDEU) – SHA with 160- or 256-bit message digest – MD5 with 128-bit message digest – HMAC with either algorithm — Crypto-channel supporting multi-command descriptor chains — Integrated controller managing internal resources and bus mastering — Buffer size of 256 bytes for the DEU, AESU, and MDEU, with flow control for large data sizes • Interrupts — Six external interrupt request (IRQ) lines — 12 port pins with interrupt capability — 23 internal interrupt sources — Programmable priority between SCCs — Programmable highest priority request • Communications processor module (CPM) — RISC controller — Communication-specific commands (for example, GRACEFUL STOP TRANSMIT, ENTER HUNT MODE, and RESTART TRANSMIT ) — Supports continuous mode transmission and reception on all serial channels — 8-Kbytes of dual-port RAM — Several serial DMA (SDMA) channels to support the CPM — Three parallel I/O registers with open-drain capability •On-chip 16 × 16 multiply accumulate controller (MAC) — One operation per clock (two-clock latency, one-clock blockage) — MAC operates concurrently with other instructions — FIR loop—Four clocks per four multiplies • Four baud rate generators — Independent (can be connected to any SCC or SMC) — Allow changes during operation — Autobaud support option • Up to three serial communication controllers (SCCs) supporting the following protocols: — Serial ATM capability on SCCs — Optional UTOPIA port on SCC4 — Ethernet/IEEE 802.3 optional on the SCC(s) supporting full 10-Mbps operation — HDLC/SDLC — HDLC bus (implements an HDLC-based local area network (LAN)) — Asynchronous HDLC to support point-to-point protocol (PPP) |
|
Link URL |
| Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Link do karty katalogowej | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |