Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MPC885 Arkusz danych(PDF) 41 Page - Freescale Semiconductor, Inc

Numer części MPC885
Szczegółowy opis  Hardware Specifications
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FREESCALE [Freescale Semiconductor, Inc]
Strona internetowa  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC885 Arkusz danych(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button MPC885 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC885 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC885 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC885 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC885 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC885 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC885 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC885 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC885 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 92 page
background image
MPC885/MPC880 Hardware Specifications, Rev. 3
41
Freescale Semiconductor
Bus Signal Timing
Table 13 shows the debug port timing for the MPC885/880.
Figure 32 provides the input timing for the debug port clock.
Figure 32. Debug Port Clock Input Timing
Figure 33 provides the timing for the debug port.
Figure 33. Debug Port Timings
Table 13. Debug Port Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
D61
DSCK cycle time
3
× TCLOCKO
UT
-
D62
DSCK clock pulse width
1.25
× TCLO
CKOUT
-
D63
DSCK rise and fall times
0.00
3.00
ns
D64
DSDI input data setup time
8.00
ns
D65
DSDI data hold time
5.00
ns
D66
DSCK low to DSDO data valid
0.00
15.00
ns
D67
DSCK low to DSDO invalid
0.00
2.00
ns
DSCK
D61
D61
D63
D62
D62
D63
DSCK
DSDI
DSDO
D64
D65
D66
D67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Arkusz danych Pobierz

Go To PDF Page


Link URL



Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Link do karty katalogowej    |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com